Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9027SPRO Datasheet(PDF) 70 Page - ESS Technology,Inc

Part # ES9027SPRO
Description  32-bit High-Performance 8-Channel DAC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9027SPRO Datasheet(HTML) 70 Page - ESS Technology,Inc

Back Button ES9027SPRO Datasheet HTML 66Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 67Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 68Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 69Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 70Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 71Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 72Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 73Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 74Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 89 page
background image
ES9027PRO Datasheet
VERSION 0.4.1
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
70
Register 82: DAC VOL UP RATE
Bits
[7:0]
Default
8'd4
Bits
Mnemonic
Description
[7:0]
DAC_VOL_RATE_UP
Value by which the old VOLUME value is incremented to reach the new
VOLUME value
Valid from 8'd0 (instant) to 8'd255 (fastest), where 8'd0 instantly changes the
VOLUME value
•
8'd0: Instant change
•
8'd4: Default
•
8'd255: Fastest change
������������������������_������������������������ [������] =
215
������������������_������������������_������������������������_������������ ∗ ������������
Register 83: DAC VOL DOWN RATE
Bits
[7:0]
Default
8'd4
Bits
Mnemonic
Description
[7:0]
DAC_VOL_RATE_DOWN
Value by which the old VOLUME value is incremented to reach the new
VOLUME value
Valid from 8'd0 (instant) to 8'd255 (fastest), where 8'd0 instantly changes the
VOLUME value
•
8'd0: Instant change
•
8'd4: Default
•
8'd255: Fastest change
������������������������_������������������������ [������] =
215
������������������_������������������_������������������������_������������������������ ∗ ������������
Register 84: DAC VOL DOWN RATE FAST
Bits
[7:0]
Default
8'd255
Bits
Mnemonic
Description
[7:0]
DAC_VOL_RATE_FAST
Value by which the old VOLUME value is incremented to reach the new
VOLUME value
Valid from 8'd0 (instant) to 8'd255 (fastest), where 8'd0 instantly changes the
VOLUME value
Only used during abnormal mute (PLL unlock or BCK_WS ratio failed)
•
8'd0: Instant change
•
8'd255: Fastest change (default)
������������������������_������������������������ [������] =
215
������������������_������������������_������������������������_������������������������ ∗ ������������



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com