Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9027SPRO Datasheet(PDF) 8 Page - ESS Technology,Inc

Part # ES9027SPRO
Description  32-bit High-Performance 8-Channel DAC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9027SPRO Datasheet(HTML) 8 Page - ESS Technology,Inc

Back Button ES9027SPRO Datasheet HTML 4Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 5Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 6Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 7Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 8Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 9Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 10Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 11Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 12Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 89 page
background image
ES9027PRO Datasheet
VERSION 0.4.1
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
8
Feature List
The ES9027PRO is a SABRE 8 channel high performance digital to analog converter (DAC) with features and performance including the new
Hyperstream IV modulator that produces a device that is well suited for all Audiophile and PRO Audio applications.
These features include TDM & SPI support as well as a Hardware (HW) mode for simplifying configuration of the ES9027PRO.
TDM / I2S / LJ / RJ / DSD / DoP & S/PDIF interfaces are supported.
Sample rates up to 768kHz with PCM data and DSD rates up to DSD1024 are supported. 7 selectable build-in digital filters are also available.
Configuration Modes
The ES9027PRO has 4 control programming modes. They are controlled by the state of the MODE (pin 17):
MODE PIN
Configuration
0
I2C interface
Pull Low
HW control mode (see Hardware Mode Table)
Pull High
HW control mode (see Hardware Mode Table)
1
SPI interface
Software Mode
ES9027PRO supports both I2C or SPI serial communication to configure the registers. There are two types of registers, read/write registers and
read-only registers.
See below for the pin connection for each one:
I2C
o
MODE (Pin 17) – GND
Table 1 - I2C address configurations
o
Connect per I2C standard
▪
SDA (Pin 15)
▪
SCL (Pin 16)
▪
ADDR0 (Pin 31)
▪
ADDR1 (Pin 30)
SPI
o
Mode (Pin 17) – AVDD
Table 2 - SPI commands
o
Connect per SPI standard
▪
MOSI (Pin 15)
▪
SCLK (Pin 16)
▪
SS (Pin 30)
▪
MISO (Pin 31)
I2C Address
ADDR1
ADDR0
0x90
GND
GND
0x92
GND
AVDD
0x94
AVDD
GND
0x96
AVDD
AVDD
SPI
command
First
byte
Write
3
Read
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com