Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHR801 Datasheet(PDF) 18 Page - STMicroelectronics

Part # RHR801
Description  Rad-hard very high-speed comparator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHR801 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button RHR801 Datasheet HTML 14Page - STMicroelectronics RHR801 Datasheet HTML 15Page - STMicroelectronics RHR801 Datasheet HTML 16Page - STMicroelectronics RHR801 Datasheet HTML 17Page - STMicroelectronics RHR801 Datasheet HTML 18Page - STMicroelectronics RHR801 Datasheet HTML 19Page - STMicroelectronics RHR801 Datasheet HTML 20Page - STMicroelectronics RHR801 Datasheet HTML 21Page - STMicroelectronics RHR801 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Radiations
RHR801
Table 10: Drift after 30 krad, 36 rad/h low-dose rate, VCC+ = 5 V, VCC- = 0 V, T = 25 °C, (unless
otherwise specified)
Symbol
Min
Typ
Max
Unit
Delta Vio
-0.48
0.09
0.49
mV
Delta Vtrip+
-0.76
0.13
0.80
Delta Vtrip-
-0.40
0.06
0.49
Delta Iib
-0.70
-0.23
0.43
µA
Delta Tplh (150 mV step)
-0.30
-0.04
0.20
ns
Delta Tplh (200 mV step)
-0.25
-0.02
0.20
Delta Tphl (150 mV step)
-0.15
0.05
0.35
Delta Tphl (200 mV step)
-0.10
0.02
0.20
Delta Tr
-0.06
0.00
0.04
Delta Tf
-0.08
-0.04
0.00
Delta Fmax
-2.00
0.40
4.00
MHz
Delta ICC-H
-0.01
0.44
1.86
mA
Delta ICC-L
-0.01
0.44
1.86
Delta VOH
-0.02
0.00
0.01
mV
Delta VOL
-5.91
-3.58
-1.17
Delta Isink
0.06
0.28
0.44
mA
Delta Isource
0.00
0.14
0.31
Delta SVR
-16.26
1.97
9.78
dB
Delta CMRR
-8.63
2.43
16.68
4.3
Heavy ions
The heavy ion trials are performed on qualification lots only. No additional test is
performed.
18/32
DocID026299 Rev 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com