Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHR801 Datasheet(PDF) 22 Page - STMicroelectronics

Part # RHR801
Description  Rad-hard very high-speed comparator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHR801 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button RHR801 Datasheet HTML 18Page - STMicroelectronics RHR801 Datasheet HTML 19Page - STMicroelectronics RHR801 Datasheet HTML 20Page - STMicroelectronics RHR801 Datasheet HTML 21Page - STMicroelectronics RHR801 Datasheet HTML 22Page - STMicroelectronics RHR801 Datasheet HTML 23Page - STMicroelectronics RHR801 Datasheet HTML 24Page - STMicroelectronics RHR801 Datasheet HTML 25Page - STMicroelectronics RHR801 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Parameters and implementation
RHR801
This ground plane also provides a low inductive ground, eliminating any potential
differences at various ground points.
Figure 40: Single supply layout
Figure 41: Dual supply layout
Figure 42: Input impedance matching
V-reference
Vin
Fin
Low impedance
source
Very short track
Vcc+ = +3 to +5 V
Very short track
10 nF
10 µF
RL
+
_
CL
Vcc- = 0 V
ground floor
10 nF
Equivalent load
100 µF
Low frequency
bypass
High frequency
bypass – as close as possible to the IC
V-reference = 0 V
ground floor
Vin
Fin
Low impedance
source
Very short track
Vcc+ = +1.5 to +2.5 V
Very short track
10 nF
10 µF
RL
+
_
CL
Equivalent load
10 µF
10 nF
Vcc+ = -1.5 to -2.5 V
Vin
Fin
Low impedance
source (R)
Very short track:
minimization of stray input capacitance (Csi)
+
_
22/32
DocID026299 Rev 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com