Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHR801 Datasheet(PDF) 21 Page - STMicroelectronics

Part # RHR801
Description  Rad-hard very high-speed comparator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHR801 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button RHR801 Datasheet HTML 17Page - STMicroelectronics RHR801 Datasheet HTML 18Page - STMicroelectronics RHR801 Datasheet HTML 19Page - STMicroelectronics RHR801 Datasheet HTML 20Page - STMicroelectronics RHR801 Datasheet HTML 21Page - STMicroelectronics RHR801 Datasheet HTML 22Page - STMicroelectronics RHR801 Datasheet HTML 23Page - STMicroelectronics RHR801 Datasheet HTML 24Page - STMicroelectronics RHR801 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
RHR801
Parameters and implementation
5.3
Characteristics of the output stage
The RHR801 uses a rail-to-rail MOS output. The output levels are guaranteed through
testing (see the output characteristics in Table 4 and Table 5). This stage is optimized for
driving a load of 1
kΩ, with no stability issues. The capacitive load affects both the rise and
fall times.
5.4
Impedance matching for dynamic measurements
To correctly evaluate this high-speed comparator, both the input and output must be
properly matched (50
Ω). This matching is mandatory to avoid reflections on the tracks and
cables, particularly at such high-speed rise and fall times. The matching of the input is
relatively easy to perform with a 50
Ω input resistance placed as close as possible to the
comparator input. The input track is 50
Ω matched. For the output, the comparator cannot
drive a 50
Ω line directly. So, to reduce the output current while keeping a good 50 Ω
termination on both sides of the cable, it is mandatory to use a series resistor much greater
than 50
Ω, for example, 1 kΩ as in Figure 39.
Figure 39: Output impedance matching
5.5
Implementation on the board
The RHR801 is a very high-speed product that features very sharp output rise and fall
times. The very high current variations must be appropriately managed and proper board
layout techniques should be used to ensure best performances.
It is important to minimize the resistance from the source to the input of the comparator.
High resistance values combined with the equivalent input capacitance can result in time
constants below the capability of the comparator. This is the cause of a lagged response at
the input, resulting in an output delay. Moreover, proper ground impedance and other
layout techniques must be implemented to minimize the input stray capacitance, such as
very short tracks on any high-impedance termination.
With high-speed applications, it is very important to provide bypass capacitors for the
power supply. Good power supply decoupling is mandatory (pin 4 and pin 7), as well as
good decoupling on the reference (pin 2). With dual supplies, a 10 µF bypass capacitor
should be placed on each power supply pin. This capacitor reduces any potential voltage
ripple from the power supply at lower frequencies. A 10 nF ceramic capacitor should be
placed as close as possible to the power supply pins and be tracked to ground. This
capacitor reduces higher frequency noise during high-frequency switching.
A proper ground plane is particularly recommended for high-speed performance. It can be
created by implementing a continuous conductive plane all over the surface of the circuit
board, with breaks for the necessary paths only. A proper ground plane minimizes the
effects of stray capacitance on the circuit board and facilitates the layout of matched tracks.
50
Capa-load
Vin
Fin
+
_
RHR801
50
1 k
To reduce output current
Vcc = +3V/+5 V
Very short track
50
track
50
50
termination
V-reference
10 F
10 F
10 nF
µ
µ
DocID026299 Rev 4
21/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com