Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8 Datasheet(PDF) 44 Page - Analog Devices

Part # ADFS7124-8
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADFS7124-8 Datasheet HTML 40Page - Analog Devices ADFS7124-8 Datasheet HTML 41Page - Analog Devices ADFS7124-8 Datasheet HTML 42Page - Analog Devices ADFS7124-8 Datasheet HTML 43Page - Analog Devices ADFS7124-8 Datasheet HTML 44Page - Analog Devices ADFS7124-8 Datasheet HTML 45Page - Analog Devices ADFS7124-8 Datasheet HTML 46Page - Analog Devices ADFS7124-8 Datasheet HTML 47Page - Analog Devices ADFS7124-8 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 93 page
background image
Data Sheet
ADFS7124-8
GETTING STARTED
analog.com
Rev. 0 | 44 of 93
Understanding Configuration Flexibility
In Figure 70, Figure 71, and Figure 72, the registers shown in black
font are programmed for this configuration. The registers shown in
gray font are redundant.
The most straightforward implementation of the ADFS7124-8 is to
use differential inputs with adjacent analog inputs and run all of
them with the same setup, gain correction, and offset correction
register. For example, for four differential inputs, select the following
differential inputs: AIN0/AIN1, AIN2/AIN3, AIN4/AIN5, and AIN6/
AIN7.
Programming the gain and offset registers is optional for any use
case, as indicated by the dashed lines between the register blocks.
If an internal or system offset or full-scale calibration is performed,
the gain and offset registers for the selected channel are automati-
cally updated.
An alternative way to implement these four fully differential inputs
is by taking advantage of the eight available setups. Motivation for
this includes having a different speed, noise, or gain requirement on
some of the four differential inputs vs. other inputs, or there may be
a specific offset or gain correction for particular channels. Figure 71
shows how each of the differential inputs can use a separate setup,
allowing full flexibility in the configuration of each channel.
CONFIGURATION
REGISTERS
CHANNEL
REGISTERS
FILTER
REGISTERS
OFFSET
REGISTERS
GAIN
REGISTERS
SELECT PERIPHERAL
FUNCTIONS FOR
ADC CHANNEL
SELECT ANALOG INPUT PARTS
ENABLE THE CHANNEL
SELECT SETUP 0
SELECT DIGITAL
FILTER TYPE
AND OUTPUT DATA RATE
ANALOG INPUT BUFFERS
REFERENCE BUFFERS
BURNOUT
REFERENCE SOURCE
GAIN
SINC4
SINC3
SINC4 + SINC1
SINC3 + SINC1
ENHANCED 50Hz/60Hz REJECTION
GAIN CORRECTION
OPTIONALLY
PROGRAMMED
PER SETUP AS REQUIRED
OFFSET CORRECTION
OPTIONALLY PROGRAMMED
PER SETUP AS REQUIRED
0x19
0x1A
0x1B
0x1C
0x1D
0x1E
0x1F
0x20
0x21
0x22
0x23
0x24
0x25
0x26
0x27
0x28
0x31
0x32
0x33
0x34
0x35
0x36
0x37
0x38
0x29
0x2A
0x2B
0x2C
0x2D
0x2E
0x2F
0x30
CONFIG_3
CONFIG_5
CONFIG_6
CONFIG_7
CONFIG_4
CONFIG_0
CONFIG_2
CONFIG_1
FILTER_3
FILTER_5
FILTER_6
FILTER_7
FILTER_4
FILTER_0
FILTER_2
FILTER_1
GAIN_3
GAIN_5
GAIN_6
GAIN_7
GAIN_4
GAIN_0
GAIN_2
GAIN_1
OFFSET_3
OFFSET_5
OFFSET_6
OFFSET_7
OFFSET_4
OFFSET_0
OFFSET_2
OFFSET_1
0x09
CH0
0x0A
CH1
0x0B
CH2
0x0C
CH3
0x0D
CH4
0x0E
CH5
0x0F
CH6
0x10
CH7
0x11
CH8
0x12
CH9
0x13
CH10
0x14
CH11
0x15
CH12
0x16
CH13
0x17
CH14
0x18
CH15
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
Figure 70. Four Fully Differential Inputs, All Using a Single Setup (CONFIG_0, FILTER_0, GAIN_0, OFFSET_0)
CONFIGURATION
REGISTERS
FILTER
REGISTERS
OFFSET
REGISTERS
GAIN
REGISTERS
SELECT PERIPHERAL
FUNCTIONS FOR
ADC CHANNEL
SELECT ANALOG INPUT PARTS
ENABLE THE CHANNEL
SELECT SETUP
SELECT DIGITAL
FILTER TYPE
AND OUTPUT DATA RATE
ANALOG INPUT BUFFERS
REFERENCE BUFFERS
BURNOUT
REFERENCE SOURCE
GAIN
SINC4
SINC3
SINC4 + SINC1
SINC3 + SINC1
ENHANCED 50Hz/60Hz REJECTION
GAIN CORRECTION
OPTIONALLY
PROGRAMMED
PER SETUP AS REQUIRED
OFFSET CORRECTION
OPTIONALLY PROGRAMMED
PER SETUP AS REQUIRED
0x19
0x1A
0x1B
0x1C
0x1D
0x1E
0x1F
0x20
0x21
0x22
0x23
0x24
0x25
0x26
0x27
0x28
0x31
0x32
0x33
0x34
0x35
0x36
0x37
0x38
0x29
0x2A
0x2B
0x2C
0x2D
0x2E
0x2F
0x30
CONFIG_3
CONFIG_5
CONFIG_6
CONFIG_7
CONFIG_4
CONFIG_0
CONFIG_2
CONFIG_1
FILTER_3
FILTER_5
FILTER_6
FILTER_7
FILTER_4
FILTER_0
FILTER_2
FILTER_1
GAIN_3
GAIN_5
GAIN_6
GAIN_7
GAIN_4
GAIN_0
GAIN_2
GAIN_1
OFFSET_3
OFFSET_5
OFFSET_6
OFFSET_7
OFFSET_4
OFFSET_0
OFFSET_2
OFFSET_1
0x09
CH0
0x0A
CH1
0x0B
CH2
0x0C
CH3
0x0D
CH4
0x0E
CH5
0x0F
CH6
0x10
CH7
CH8
CH9
CH10
CH11
CH12
CH13
CH14
CH15
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
CHANNEL
REGISTERS
0x11
0x12
0x13
0x14
0x15
0x16
0x17
0x18
Figure 71. Four Fully Differential Inputs with a Separate Setup per Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com