Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8 Datasheet(PDF) 14 Page - Analog Devices

Part # ADFS7124-8
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADFS7124-8 Datasheet HTML 10Page - Analog Devices ADFS7124-8 Datasheet HTML 11Page - Analog Devices ADFS7124-8 Datasheet HTML 12Page - Analog Devices ADFS7124-8 Datasheet HTML 13Page - Analog Devices ADFS7124-8 Datasheet HTML 14Page - Analog Devices ADFS7124-8 Datasheet HTML 15Page - Analog Devices ADFS7124-8 Datasheet HTML 16Page - Analog Devices ADFS7124-8 Datasheet HTML 17Page - Analog Devices ADFS7124-8 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 93 page
background image
Data Sheet
ADFS7124-8
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 14 of 93
Figure 9. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
REGCAPD
Digital LDO Regulator Output. Decouple this pin to DGND with a 0.1 µF capacitor.
2
IOVDD
Serial Interface Supply Voltage, 1.65 V to 3.6 V. IOVDD is independent of AVDD. Therefore, the serial interface can operate at 1.65 V
with AVDD at 3.6 V, for example.
3
DGND
Digital Ground Reference Point.
4
AIN0/IOUT/VBIAS
Analog Input 0/Output of Internal Excitation Current Source/Bias Voltage. This input pin is configured through the configuration
registers to be the positive or negative terminal of a differential or pseudodifferential input. Alternatively, the internal programmable
excitation current source can be made available at this pin. Either IOUT1 or IOUT0 can be switched to this output. A bias voltage
midway between the analog power supply rails can be generated at this pin.
5
AIN1/IOUT/VBIAS
Analog Input 1/Output of Internal Excitation Current Source/Bias Voltage. This input pin is configured through the configuration
registers to be the positive or negative terminal of a differential or pseudodifferential input. Alternatively, the internal programmable
excitation current source can be made available at this pin. Either IOUT0 or IOUT1 can be switched to this output. A bias voltage
midway between the analog power supply rails can be generated at this pin.
6
AIN2/IOUT/VBIAS/P1
Analog Input 2/Output of Internal Excitation Current Source/Bias Voltage/General-Purpose Output 1. This input pin is configured
through the configuration registers to be the positive or negative terminal of a differential or pseudodifferential input. Alternatively, the
internal programmable excitation current source can be made available at this pin. Either IOUT0 or IOUT1 can be switched to this
output. A bias voltage midway between the analog power supply rails can be generated at this pin. This pin can also be configured
as a general-purpose output bit, referenced between AVSS and AVDD.
7
AIN3/IOUT/VBIAS/P2
Analog Input 3/Output of Internal Excitation Current Source/Bias Voltage/General-Purpose Output 2. This input pin is configured
through the configuration registers to be the positive or negative terminal of a differential or pseudodifferential input. Alternatively, the
internal programmable excitation current source can be made available at this pin. Either IOUT0 or IOUT1 can be switched to this
output. A bias voltage midway between the analog power supply rails can be generated at this pin. This pin can also be configured
as a general-purpose output bit, referenced between AVSS and AVDD.
8
AIN4/IOUT/VBIAS/P3
Analog Input 4/Output of Internal Excitation Current Source/Bias Voltage/General-Purpose Output 3. This input pin is configured
through the configuration registers to be the positive or negative terminal of a differential or pseudodifferential input. Alternatively, the
internal programmable excitation current source can be made available at this pin. Either IOUT0 or IOUT1 can be switched to this
output. A bias voltage midway between the analog power supply rails can be generated at this pin. This pin can also be configured
as a general-purpose output bit, referenced between AVSS and AVDD.
9
AIN5/IOUT/VBIAS/P4
Analog Input 5/Output of Internal Excitation Current Source/Bias Voltage/General-Purpose Output 4. This input pin is configured
through the configuration registers to be the positive or negative terminal of a differential or pseudodifferential input. Alternatively, the
internal programmable excitation current source can be made available at this pin. Either IOUT0 or IOUT1 can be switched to this
output. A bias voltage midway between the analog power supply rails can be generated at this pin. This pin can also be configured
as a general-purpose output bit, referenced between AVSS and AVDD.
10
AIN6/IOUT/VBIAS
Analog Input 6/Output of Internal Excitation Current Source/Bias Voltage. This input pin is configured through the configuration
registers to be the positive or negative terminal of a differential or pseudodifferential input. Alternatively, the internal programmable
excitation current source can be made available at this pin. Either IOUT0 or IOUT1 can be switched to this output. A bias voltage
midway between the analog power supply rails can be generated at this pin.
11
AIN7/IOUT/VBIAS
Analog Input 7/Output of Internal Excitation Current Source/Bias Voltage. This input pin is configured through the configuration
registers to be the positive or negative terminal of a differential or pseudodifferential input. Alternatively, the internal programmable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com