Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8 Datasheet(PDF) 60 Page - Analog Devices

Part # ADFS7124-8
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADFS7124-8 Datasheet HTML 56Page - Analog Devices ADFS7124-8 Datasheet HTML 57Page - Analog Devices ADFS7124-8 Datasheet HTML 58Page - Analog Devices ADFS7124-8 Datasheet HTML 59Page - Analog Devices ADFS7124-8 Datasheet HTML 60Page - Analog Devices ADFS7124-8 Datasheet HTML 61Page - Analog Devices ADFS7124-8 Datasheet HTML 62Page - Analog Devices ADFS7124-8 Datasheet HTML 63Page - Analog Devices ADFS7124-8 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 93 page
background image
Data Sheet
ADFS7124-8
DIGITAL FILTER
analog.com
Rev. 0 | 60 of 93
When the output data rate is 10 SPS with zero latency disabled
or 3.33 SPS with zero latency enabled, simultaneous 50 Hz and
60 Hz rejection is obtained. The sinc3 filter has rejection of 100 dB
minimum at 50 Hz ± 1 Hz and 60 Hz ± 1 Hz (see Figure 95).
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
30
60
90
120
150
FREQUENCY (Hz)
Figure 95. Sinc3 Filter Response (10 SPS Output Data Rate, Zero Latency
Disabled or 3.33 SPS Output Data Rate, Zero Latency Enabled)
Simultaneous 50 Hz and 60 Hz rejection can also be achieved
using the REJ60 bit in the filter register. When the sinc filter places
a notch at 50 Hz, the REJ60 bit places a first order notch at 60
Hz. The output data rate is 50 SPS when zero latency is disabled
and 16.67 SPS when zero latency is enabled. Figure 96 shows
the frequency response of the sinc3 filter with this configuration.
Assuming a stable clock, the rejection at 50 Hz and 60 Hz (±1 Hz)
is in excess of 67 dB minimum.
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
25
50
75
100
125
150
FREQUENCY (Hz)
Figure 96. Sinc3 Filter Response (50 SPS Output Data Rate, Zero Latency
Disabled or 16.67 SPS Output Data Rate, Zero Latency Enabled, REJ60 = 1)
FAST SETTLING MODE (SINC4 + SINC1 FILTER)
In the fast settling mode, the settling time is close to the inverse of
the first filter notch; therefore, it is possible to achieve 50 Hz and/or
60 Hz rejection at an output data rate close to 1/50 Hz or 1/60 Hz.
The settling time is approximately equal to 1/output data rate.
Therefore, the conversion time is near constant when converting on
a single channel or when converting on several channels.
Enable the fast settling mode using the filter bits in the filter register.
In the fast settling mode, a sinc1 filter is included after the sinc4
filter. The sinc1 filter averages by 16 in the full power and mid power
modes, and averages by 8 in the low power mode. In Figure 97, the
blocks shown in gray are unused.
SINC3/SINC4
FILTER
MODULATOR
AVERAGING
BLOCK
POST
FILTER
Figure 97. Fast Settling Mode, Sinc4 + Sinc1 Filter
Output Data Rate and Settling Time, Sinc4 +
Sinc1 Filter
When continuously converting on a single channel, the output data
rate is:
fADC = fCLK/(Avg × 32 × FS[10:0])
where:
fADC is the output data rate.
fCLK is the controllerclock frequency (614.4 kHz in full power mode,
153.6 kHz in mid power mode, and 76.8 kHz in low power mode).
Avg is 16 for the full or mid power mode and 8 for low power mode.
FS[10:0] is the decimal equivalent of the FS[10:0] bits in the filter
register. FS[10:0] can have a value from 1 to 2047.
When another channel is selected, there is an extra delay in the
first conversion. The settling time is equal to:
tSETTLE = ((4 + Avg − 1) × 32 × FS[10:0] + Dead Time)/fCLK
where, Dead Time = 95.
Table 59 lists sample FS[10:0] settings and the corresponding
output data rates and settling times.
Table 59. Examples of Output Data Rates and the Corresponding Settling
Times (Fast Settling Mode, Sinc4 + Sinc1)
Power Mode
FS[10:0]
First
Notch
(Hz)
Output Data
Rate (SPS)
Settling
Time (ms)
Full Power (fCLK =
614.4 kHz, Average by
16)
120
10
10
118.9
24
50
50
23.9
20
60
60
19.94
Mid Power (fCLK =
153.6 kHz, Average by
16)
30
10
10
119.36
6
50
50
24.36
5
60
60
20.4
Low Power (fCLK =
76.8 kHz, Average by
8)
30
10
10
138.72
6
50
50
28.72
5
60
60
24.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com