Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-8 Datasheet(PDF) 21 Page - Analog Devices

Part # ADFS7124-8
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADFS7124-8 Datasheet HTML 17Page - Analog Devices ADFS7124-8 Datasheet HTML 18Page - Analog Devices ADFS7124-8 Datasheet HTML 19Page - Analog Devices ADFS7124-8 Datasheet HTML 20Page - Analog Devices ADFS7124-8 Datasheet HTML 21Page - Analog Devices ADFS7124-8 Datasheet HTML 22Page - Analog Devices ADFS7124-8 Datasheet HTML 23Page - Analog Devices ADFS7124-8 Datasheet HTML 24Page - Analog Devices ADFS7124-8 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 93 page
background image
Data Sheet
ADFS7124-8
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 21 of 93
1.0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
0.33 0.66 0.99
1.65
1.32
1.98 2.31 2.64 2.97 3.30
VLOAD (V)
50µA
100µA
250µA
500µA
750µA
1mA
Figure 34. Output Compliance (AVDD = 3.3 V)
1.000
0.950
0.955
0.960
0.965
0.970
0.975
0.980
0.985
0.990
0.995
0
0.33 0.66 0.99
1.65
1.32
1.98 2.31 2.64 2.97 3.30
VLOAD (V)
50µA
100µA
250µA
500µA
750µA
Figure 35. Output Compliance (AVDD = 3.3 V)
0
200
400
600
800
1000
1200
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
GAIN = 1, AIN BUFFERS OFF
GAIN = 2 TO 8
GAIN = 1, AIN BUFFERS ON
GAIN = 16 TO 128
Figure 36. Analog Current vs. Temperature (Full Power Mode)
0
50
100
150
200
250
300
350
400
450
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
GAIN = 1, AIN BUFFERS OFF
GAIN = 2 TO 8
GAIN = 1, AIN BUFFERS ON
GAIN = 16 TO 128
Figure 37. Analog Current vs. Temperature (Mid Power Mode)
0
50
100
150
200
250
300
350
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
GAIN = 1, AIN BUFFERS OFF
GAIN = 1, AIN BUFFERS ON
GAIN = 2 TO 8
GAIN = 16 TO 128
Figure 38. Analog Current vs. Temperature (Low Power Mode)
TEMPERATURE (°C)
0
10
20
30
40
50
60
70
–40 –25 –10
5
20
35
50
65
80
95
110 125
FULL POWER
MID POWER
LOW POWER
Figure 39. Digital Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com