Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5022BCCZN-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5022BCCZN-R7
Description  Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5022BCCZN-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5022BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet
ADRF5022
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 12
Table 1. Electrical Specifications (Continued)
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
EN
33
µA
RECOMMENDED OPERATING CONDITONS
Positive Supply Voltage
VDD
3.15
3.45
V
Negative Supply Voltage
VSS
−3.45
−3.15
V
Digital Control Input Voltage
VCTRL
0
VDD
V
RF Input Power2, 3
PIN
f = 250 MHz to 40 GHz, TCASE = 85°C
Through Path
RF signal is applied to the RFC or through connected
RF1 and RF2
30
dBm
Terminated Path
RF signal is applied to terminated RF1 and RF2
24
dBm
Hot Switching
RF signal is applied to the RFC while switching
between RF1 and RF2
30
dBm
Case Temperature
TCASE
−40
+105
°C
1 For input linearity performance over frequency, see Figure 14 to Figure 17.
2 For power derating over frequency, see Figure 2 and Figure 3.
3 For 105°C operation, the power handling degrades from the TCASE = 85°C specification by 3 dB.
SINGLE-SUPPLY OPERATION
VDD = 3.3 V, VSS = 0 V, VCTRL/VEN = 0 V or VDD, TCASE = 25°C, 50 Ω system, unless otherwise noted.
Table 2. Single-Supply Operation Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
100
45,000
MHz
SWITCHING CHARACTERISTICS
Rise Time and Fall Time
tRISE, tFALL
10% to 90% of RFOUT
22
ns
On Time and Off Time
tON, tOFF
50% VCTRL to 90% of RFOUT
65
ns
0.1 dB RF Settling Time
50% VCTRL to 0.1 dB of final RFOUT
90
ns
INPUT LINEARITY
f = 250 MHz to 40 GHz
0.1 dB Power Compression
P0.1dB
17
dBm
Input Third-Order Intercept
IIP3
Two-tone input power = 0 dBm each tone, Δf = 1
MHz
44
dBm
RECOMMENDED OPERATING CONDITONS
RF Input Power1, 2
PIN
f = 250 MHz to 40 GHz, TCASE = 85°C
Through Path
RF signal is applied to the RFC or through
connected RF1 and RF2
17
dBm
Terminated Path
RF signal is applied to terminated RF1 and RF2
12
dBm
Hot Switching
RF signal is applied to the RFC while switching
between RF1 and RF2
17
dBm
1 For power derating over frequency, see Figure 2 and Figure 3.
2 For 105°C operation, the power handling degrades from the TCASE = 85°C specification by 3 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com