Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5022BCCZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5022BCCZN-R7
Description  Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5022BCCZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5022BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Data Sheet
ADRF5022
Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Ultra-wideband frequency range: 100 MHz to 45 GHz
►
Nonreflective design
►
Low insertion loss
►
1.2 dB typical to 18 GHz
►
1.9 dB typical to 40 GHz
►
2.3 dB typical to 45 GHz
►
High Isolation: 43 dB typical to 45 GHz
►
High input linearity
►
0.1 dB power compression (P0.1dB): 31 dBm
►
Third-order intercept (IP3): 55 dBm
►
High power handling at TCASE = 85°C
►
30 dBm through path
►
24 dBm terminated path
►
30 dBm hot switching (RFC port)
►
RF settling time (0.1 dB final RF output): 30 ns
►
No low-frequency spurious signals
►
All off-state control
►
Positive control interface: CMOS-/LVTTL-compatible
►
20-terminal, 3.0 mm × 3.0 mm LGA package
►
Pin-compatible with ADRF5023, low-frequency cutoff version
APPLICATIONS
►
Test and instrumentation
►
Cellular infrastructure: 5G millimeter wave
►
Military radios, radars, and electronic countermeasures (ECMs)
►
Microwave radios and very small aperture terminals (VSATs)
►
Industrial scanners
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADRF5022 is a nonreflective, single-pole double-throw (SPDT)
switch manufactured in the silicon process.
The ADRF5022 operates from 100 MHz to 45 GHz with a typical
insertion loss of 2.3 dB and isolation of 43 dB. The device has an
RF input-power handling capability of 30 dBm for the through path,
24 dBm for the terminated path, and 30 dBm for the hot switching at
the RF common port.
The ADRF5022 requires a positive supply of +3.3 V and a negative
supply of −3.3 V. The device employs complementary metal-oxide
semiconductor (CMOS)-/low-voltage transistor to transistor logic
(LVTTL)-compatible controls.
The ADRF5022 can also operate with a single positive supply
voltage (VDD) applied while the negative supply voltage (VSS) is
connected to ground. In this operating condition, the small signal
performance is maintained while the switching characteristics, line-
arity, and power handling performance is derated. For more details,
see Table 2.
TheADRF5022 is pin-compatible with the ADRF5023, low-frequen-
cy cutoff version, which operates from 9 kHz to 45 GHz.
The ADRF5022 comes in a 20-terminal, 3.0 mm × 3.0 mm, RoHS-
compliant, land grid array (LGA) package and can operate from
−40°C to +105°C.


Similar Part No. - ADRF5022BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5020 AD-ADRF5020 Datasheet
341Kb / 12P
Microwave radios and very small aperture terminals
Rev. A
ADRF5020-EVALZ AD-ADRF5020-EVALZ Datasheet
341Kb / 12P
Microwave radios and very small aperture terminals
Rev. A
ADRF5020BCCZN AD-ADRF5020BCCZN Datasheet
341Kb / 12P
Microwave radios and very small aperture terminals
Rev. A
ADRF5020BCCZN-R7 AD-ADRF5020BCCZN-R7 Datasheet
341Kb / 12P
Microwave radios and very small aperture terminals
Rev. A
ADRF5021 AD-ADRF5021 Datasheet
356Kb / 12P
Silicon SPDT Switch
Rev. A
More results

Similar Description - ADRF5022BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5026 AD-ADRF5026 Datasheet
442Kb / 13P
Silicon SPDT Switch, Nonreflective,100 MHz to 44 GHz
9/2020-Rev. 0 to Rev. A
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5019 AD-ADRF5019 Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
HMC349ALP4CE AD-HMC349ALP4CE Datasheet
391Kb / 12P
High Isolation, Nonreflective, GaAs, SPDT Switch, 100 MHz to 4 GHz
1/2019-v02.0315 to Rev. B
HMC349AMS8G AD-HMC349AMS8G Datasheet
750Kb / 10P
High Isolation, Nonreflective, GaAs, SPDT Switch,100 MHz to 4 GHz
10/2019-Rev. E to Rev. F
ADRF5023 AD-ADRF5023 Datasheet
593Kb / 12P
Silicon SPDT Switch, Nonreflective , 9 kHz to 45 GHz
Rev. 0
ADRF5049 AD-ADRF5049 Datasheet
1Mb / 14P
Silicon SP4T Switch, Nonreflective, 9 kHz to 45 GHz
Rev. 0
ADRF5050 AD-ADRF5050 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
HMC232A AD-HMC232A Datasheet
1Mb / 12P
GaAs, SPDT Switch, Nonreflective,100 MHz to 12 GHz
Rev. B
ADRF5048 AD-ADRF5048 Datasheet
1Mb / 13P
Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com