Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5022BCCZN-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF5022BCCZN-R7
Description  Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5022BCCZN-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF5022BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet
ADRF5022
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 11 of 12
The ADRF5022 has two power supply pins (VDD and VSS) and
two control pins (CTRL and EN). Figure 18 shows the external
components and connections for supply and control pins. The VDD
and the VSS pin are decoupled with a 100 pF multilayer ceramic
capacitor. The device pinout allows the placement of the decoupling
capacitors close to the device. No other external components are
needed for bias and operation, except DC blocking capacitors on
the RF pins when the RF lines are biased at a voltage different
than 0 V. For more details, see the Pin Configuration and Function
Descriptions section.
Figure 18. Recommended Schematic
RECOMMENDATIONS FOR PCB DESIGN
The RF ports are matched to 50 Ω internally, and the pinout is
designed to mate a coplanar waveguide (CPWG) with a 50 Ω char-
acteristic impedance on the PCB. Figure 19 shows the referenced
CPWG RF trace design for an RF substrate with 8 mil thick Rogers
RO4003 dielectric material. The RF trace with a 14 mil width and
a 7 mil clearance is recommended for 1.5 mil finished copper
thickness.
Figure 19. Example PCB Stack-Up
Figure 20 shows the routing of the RF traces, supply, and control
signals from the device. The ground planes are connected with as
many filled through vias as allowed for optimal RF and thermal
performance. The primary thermal path for the device is the bottom
side.
Figure 20. PCB Routings
Figure 21 shows the recommended layout from the device RF pins
to the 50 Ω CPWG on the referenced stack-up. PCB pads are
drawn 1:1 to device pads. The ground pads are drawn solder mask
defined, and the signal pads are drawn as pad defined. The RF
trace from the PCB pad is extended with the same width until the
package edge and tapered to the RF trace with a 45° angle. The
paste mask is also designed to match the pad without any aperture
reduction and is divided into multiple openings for the paddle.
Figure 21. Recommended RF Pin Transitions
For alternate PCB stack-ups with different dielectric thickness and
CPWG design and for further recommendations, contact Technical
Support .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com