Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5022BCCZN-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF5022BCCZN-R7
Description  Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5022BCCZN-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF5022BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5022BCCZN-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
ADRF5022
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 7 of 12
Figure 4. Pin Configuration (Top View)
Table 6. Pin Function Descriptions
Pin Number
Mnemonic
Description
1, 2, 4 to 7, 9, 10, 13, 16, 17, 19, 20
GND
Ground. The GND pins must be connected to the RF and DC ground of the PCB.
3
RFC
RF Common Port. The RFC pin is DC-coupled to 0 V and AC matched to 50 Ω. No DC blocking capacitor is
required when the RF line potential is equal to 0 V DC. For the interface schematic, see Figure 5.
8
RF1
RF Throw Port 1. The RF1 pin is DC-coupled to 0 V and AC matched to 50 Ω. No DC blocking capacitor is
required when the RF line potential is equal to 0 V DC. for the interface schematic, see Figure 5.
11
VDD
Positive Supply Voltage. For the interface schematic, see Figure 6.
12
CTRL
Control Input Voltage. For the interface schematic, see Figure 8.
14
EN
Enable Input Voltage. For the interface schematic, see Figure 9.
15
VSS
Negative Supply Voltage. For the interface schematic, see Figure 7.
18
RF2
RF Throw Port 2. The RF2 pin is DC-coupled to 0 V and AC matched to 50 Ω. No DC blocking capacitor is
required when the RF line potential is equal to 0 V DC. For the interface schematic, see Figure 5.
EPAD
Exposed Pad. The exposed pad must be connected to the RF/DC ground of the PCB.
INTERFACE SCHEMATICS
Figure 5. RFx Pins (RFC, RF1, RF2) Interface Schematic
Figure 6. VDD Pin Interface Schematic
Figure 7. VSS Pin Interface Schematic
Figure 8. CTRL Pin Interface Schematic
Figure 9. EN Pin Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com