Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV358-P08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LMV358-P08-R
Description  GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LMV358-P08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LMV358-P08-R Datasheet HTML 1Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 2Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 3Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 4Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 5Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 6Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 7Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 8Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LMV358
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 12
www.unisonic.com.tw
QW-R105-010,C
5V DC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, all limits guaranteed for TJ =25°C, V
1=5V, V=0V, VCM=2.0V, VOUT=V1/2 and RL>1MΩ.
Boldface limits apply at the temperature extremes.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
VOS
7
1.7
9
mV
Input Offset Voltage Average Drift
TCVos
5
µV/°C
Input Bias Current
II(BIAS)
250
15
500
nA
Input Offset Current
II(OFF)
50
5
150
nA
Common Mode Rejection Ratio
CMRR
0V≦VCM≦4V
50
65
dB
Power Supply Rejection Ratio
PSRR
2.7V≦V
1≦5V
VOUT=1V VCM=1V
50
60
dB
0
-0.2
V
Input Common-Mode Voltage Range
VCM
For CMRR≧50dB
4.2
4
V
Large Signal Voltage Gain(Note 6)
Av
RL=2kΩ
10
100
15
V/mV
V
+-400
V
1-40
V
1-300
mV
RL=2kΩ to 2.5V
300
120
400
mV
V
+-200
V
1-10
V
1-100
mV
Output Swing
VOUT
RL=10kΩ to 2.5V
180
65
280
mV
Sourcing, VOUT =0V
5
60
mA
Output Short Circuit Current
IOUT
Sinking, VOUT =5V
10
160
mA
Supply Current
ISS
Both amplifiers
440
210
615
µA
2.5V AC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, all limits guaranteed for TJ =25°C, V
1=2.7V, V=0V, VCM=2.0V, VOUT=V1/2 and RL>1MΩ
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Slew Rate
SR
1
V/
µs
Gain-Bandwidth Product
GBWP
CL=200pF
1
MHz
Phase Margin
Φ(T)
60
Deg
Gain Margin
G(r)
10
dB
Input-Referred Voltage Noise
θr1
f=1kHz
39
nV
√ Hz
Input-referred Current Noise
Ir1
f=1kHz
0.21
pA
√ Hz
Note1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings
indicate conditions for which the device is intended to be functional, but specific performances is not
guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note2: Human body model 1.5k
Ω in series with 100pF. Machine model, 0Ω in series with 200pF.
Note3: Shorting output to V
1 will adversely after reliability.
Note4: Shorting output to V
+ will adversely affect reliability.
Note5: The maximum power dissipation is a function of TJ(max) θJA and TA. The maximum allowable power
dissipation at any ambient temperature is PD=(TJ(max)-TA)/θJA. All numbers apply for packages soldered
directly into a PC board.
Note6: RL is connected to V. The output voltage is 0.5V≦VOUT≦4.5V.
Note7: Connected as voltage follower with 3V step input. Number specified is these lower of the positive and
negative slew rates.
Note8: all numbers are typical, and apply for packages soldered directly note a PC board is still air.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com