Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV358-P08-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # LMV358-P08-R
Description  GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LMV358-P08-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button LMV358-P08-R Datasheet HTML 4Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 5Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 6Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 7Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 8Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 9Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 10Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 11Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LMV358
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 12
www.unisonic.com.tw
QW-R105-010,C
TYPICAL CHARACTERISTICS(Cont.)
-3
2
1.0
-1.0
-1.5
-0.5
0.5
1.5
0.0
Δ
VOS vs CMR
VCM (V)
0.8
0.4
-0.4
-0.6
0.2
0.6
-0.2
-0.8
0
1
-1
-1
0
1
3
-2
VSS = ±1.35V
1.0
-1.0
0.0
0.8
0.4
-0.4
-0.6
0.2
0.6
-0.2
-0.8
VCM (V)
VSS = ±2.5V
Δ
VOS vs CMR
-300
300
-1.5
-0.5
0.5
1.5
Input Voltage vs Output Voltage
Output Voltage (V)
-250
-100
100
150
-50
-200
50
250
0
1
-1
VSS = ±1.35V
200
0
-150
RL = 2kΩ
RL = 600Ω
RL = 10kΩ
-300
300
-3
-1
13
Input Voltage vs Output Voltage
Output Voltage (V)
-250
-100
100
150
-50
-200
50
250
0
2
-2
VSS = ±2.5V
200
0
-150
RL = 2kΩ
RL = 600Ω
RL = 10kΩ
80
-10
1k
10k
10M
Open Loop Frequency Response
Frequency (Hz)
70
50
20
10
40
30
0
100k
1M
60
120
-15
105
75
30
15
60
45
0
90
RL = 100kΩ
GAIN
RL = 2kΩ
RL = 600Ω
RL = 2kΩ
VSS = 2.7V
PHASE
RL = 100kΩ
RL = 600Ω
80
-10
1k
10k
10M
Open Loop Frequency Response
Frequency (Hz)
70
50
20
10
40
30
0
100k
1M
60
120
-15
105
75
30
15
60
45
0
90
RL = 100kΩ
GAIN
RL = 2kΩ
RL = 600Ω
RL = 2kΩ
VSS = 5V
PHASE
RL = 100kΩ
RL = 600Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com