Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV358-P08-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # LMV358-P08-R
Description  GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LMV358-P08-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button LMV358-P08-R Datasheet HTML 3Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 4Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 5Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 6Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 7Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 8Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 9Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 10Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LMV358
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 12
www.unisonic.com.tw
QW-R105-010,C
TYPICAL CHARACTERISTICS(Cont.)
150
130
110
100
90
100
10k
100k
120
Crosstalk Rejection vs Frequency
Frequency (Hz)
140
1k
0.6
0.0
10
100
1k
10k
0.3
Input Current Noise vs Frequency
Frequency (Hz)
0.5
0.4
0.2
0.1
VSS = 5V
VSS = 5V
RL = 5kΩ
80
65
55
45
40
10
10k
100
60
CMRR vs Frequency
Frequency (Hz)
75
1k
70
20
100
1k
100k
1M
45
PSRR vs Frequency
Frequency (Hz)
65
55
35
30
VSS = 5V, +PSRR
VSS = 2.7V, +PSRR
VSS = 5V, -PSRR
VSS = 2.7V, -PSRR
RL = 5kΩ
50
60
40
25
10k
VSS = 5V
VCM = VSS/2
RL = 5kΩ
50
70
30k
80
65
50
35
30
-0.5
4.0
1.0
55
CMRR vs Input Common Mode
Voltage
75
2.5
80
30
-0.5
0.5
2.0
3.0
55
Common Mode vs Voltage
Input Common Mode Voltage(V)
75
65
45
40
60
70
50
35
1.5
45
70
4.5
VSS = 2.7V
f = 10kHz
RL = 5kΩ
2.5
1.0
0.0
60
40
1.52.0
3.03.5
5.0
0.00.5
Input Common Mode Voltage(V)
VSS = 5V
f = 10kHz
RL = 5kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com