Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV358-P08-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # LMV358-P08-R
Description  GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LMV358-P08-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button LMV358-P08-R Datasheet HTML 4Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 5Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 6Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 7Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 8Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 9Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 10Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 11Page - Unisonic Technologies LMV358-P08-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LMV358
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 12
www.unisonic.com.tw
QW-R105-010,C
TYPICAL CHARACTERISTICS(Cont.)
80
-10
1k
10k
10M
Open Loop Frequency Response
vs Temperature
Frequency (Hz)
70
50
20
10
40
30
0
100k
1M
60
120
-15
105
75
30
15
60
45
0
90
70
-30
10k
10M
Gain and Phase vs Capacitive Load
Frequency (Hz)
60
40
0
-10
30
10
-20
100k
1M
50
140
-60
120
80
0
60
20
-40
100
VSS = 5V
RL = 2kΩ
PHASE
25℃
85℃
-40℃
GAIN
25℃
85℃
-40℃
GAIN
PHASE
CL = 500pF
CL = 1000pF
CL = 1000pF
CL = 500pF
CL = 100pF
-20
40
20
CL = 0
C
L = 100 pF
VSS = 5V
RL = 600Ω
C
L = 0
1.5
0.5
2.5
5.0
Slew Rate vs Supply Voltage
Supply Voltage(V)
1.4
1.2
0.8
0.7
1.1
0.9
0.6
3.0
4.0
1.3
1.0
AV = +1
RL = 10kΩ
VIN = 1VPP
70
-30
10k
10M
Gain and Phase vs Capacitive Load
Frequency (Hz)
60
40
0
-10
30
10
-20
100k
1M
50
140
-60
120
80
0
60
20
-40
100
GAIN
PHASE
CL = 500pF
CL = 1000pF
CL = 1000pF
CL = 500pF
CL = 100pF
-20
40
CL = 0
CL = 100pF
VSS = 5V
RL = 100Ω
CL = 0
20
Rising Edge
Failing Edge
3.5
4.5
Non-Inverting Large Signal
Pulse Response
Time (1μs/div)
TA = 25℃, RL = 2kΩ
Non-Inverting Large Signal
Pulse Response
Time (1μs/div)
TA = 85℃, RL = 2kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com