Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV358-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LMV358-S08-R
Description  GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LMV358-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LMV358-S08-R Datasheet HTML 1Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 2Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 3Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 4Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 5Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 6Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 7Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 8Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LMV358
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 12
www.unisonic.com.tw
QW-R105-010,C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
ESD Tolerance(Note 2)
Machine Model
100
V
Human Body Model
2000
V
Differential Input Voltage
VI(DIFF)
±
Supply Voltage
Supply Voltage (V
1-V)
VSS
5.5
V
Output Short Circuit to V
1
(Note 3)
Output Short Circuit to V
(Note 4)
Infrared (15 sec)
215
°C
Junction Temp. (Tj, max) (Note 5)
TJ
+150
°C
Storage Temp. Range
TSTG
-65 to 150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
OPERATING RATINGS (NOTE 1)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VSS
2.7 to 5.5
V
Temperature Range
-40≦TJ≦85
°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Thermal Resistance (Note 8)
θJA
235
°C/W
2.7V DC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, all limits guaranteed for TJ =25°C, V
1=2.7V, V=0V, VCM=1.0V, VOUT =V1/2 and RL=1MΩ
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
VOS
1.7
7
mV
Input Offset Voltage Average Drift
TCVos
5
µV/°C
Input Bias Current
II(BIAS)
11
250
nA
Input Offset Current
II(OFF)
5
50
nA
Common Mode Rejection Ratio
CMRR
0V≦VCM≦1.7V
50
63
dB
Power Supply Rejection Ratio
PSRR
2.7V≦V
1 ≦5V
VOUT =1V
50
60
dB
0
-0.2
V
Input Common-Mode Voltage Range
VCM
For CMRR≧50dB
1.9
1.7
V
V
1-100
V
1-10
mV
Output Swing
VOUT
RL=10kΩ to 1.35V
60
180
mV
Supply Current
ISS
Both amplifiers
140
340
µA
2.7V AC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, all limits guaranteed for TJ =25°C, V
1=2.7V, V=0V, VCM=1.0V, VOUT =V1/2 and RL>1MΩ
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Gain-Bandwidth Product
GBWP
CL=200pF
1
MHz
Phase Margin
Φ(T)
60
Deg
Gain Margin
G(r)
10
dB
Input-Referred Voltage Noise
θr1
F=1kHz
46
nV
√ Hz
Input-referred Current Noise
Ir1
F=1kHz
0.17
pA
√ Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com