Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV358-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LMV358-S08-R
Description  GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LMV358-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button LMV358-S08-R Datasheet HTML 2Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 3Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 4Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 5Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 6Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 7Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 8Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 9Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LMV358
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 12
www.unisonic.com.tw
QW-R105-010,C
TYPICAL CHARACTERISTICS(Cont.)
Open Loop Output Impedance
vs Frequency
1000
800
400
200
0
1k
10k
100k
1M
Frequency (Hz)
200
140
60
40
0
-40
0
40
80
600
100
Short Circuit Current vs
Temperature (Sinking)
Temperature (℃)
160
VSS = 5V
VSS = 2.7V
100
900
700
500
300
VSS = 5V
180
120
80
20
-20
60
20
-30
105090
-10
70
30
VSS = 2.7V
100
70
30
20
0
2.5
4
5
50
Output Voltage Swing vs
Supply Voltage
Supply Voltage(V)
80
RL = 10kΩ
90
60
40
10
34.5
3.5
Poaltive Swing
100
70
30
20
0
-40
0
40
80
50
Short Circuit Current vs
Temperature (Sourcing)
Temperature (℃)
80
VSS = 5V
90
60
40
10
-20
60
20
-30
105090
-10
70
30
VSS = 2.7V
Negative Swing
0.6
0.4
0.2
0.1
0.0
10
1k
10k
0.3
Input Current Noise vs Frequency
Frequency (Hz)
0.5
100
70
60
40
30
10
100
1k
10k
50
Input Voltage Noise vs Frequency
Frequency (Hz)
65
55
45
35
VCM = VS/2
VSS = 2.7V
VSS = 5V
VSS = 2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com