Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV358-S08-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # LMV358-S08-R
Description  GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LMV358-S08-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button LMV358-S08-R Datasheet HTML 4Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 5Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 6Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 7Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 8Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 9Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 10Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 11Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LMV358
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 12
www.unisonic.com.tw
QW-R105-010,C
TYPICAL CHARACTERISTICS(Cont.)
Non-Inverting Large Signal
Pulse Response
Time (1μs/div)
TA = -40℃, RL = 2kΩ
Non-Inverting Small Signal
Pulse Response
Time (1μs/div)
TA = 25℃, RL = 2kΩ
Non-Inverting Small Signal
Pulse Response
Time (1μs/div)
TA = 85℃, RL = 2kΩ
Non-Inverting Small Signal
Pulse Response
Time (1μs/div)
TA = -40℃, RL = 2kΩ
Stability vs Capacitive Load
Output Voltage (V)
-2 -1.5 -1 -0.5 0
0.5
1 1.5
10
100
1000
10000
25% Overshoot
VSS = ±2.5V
AV = +1
RL = 2kΩ
VOUT = 100mVPP
VIN
+2.5V
-2.5V
+
-
RL
CL
VOUT
Stability vs Capacitive Load
Output Voltage (V)
-2 -1.5 -1 -0.5 0
0.5
1 1.5
10
100
1000
10000
25% Overshoot
VSS = ±2.5V
AV = +1
RL = 1MΩ
VOUT = 100mVPP
VIN
+2.5V
-2.5V
+
-
RL CL
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com