Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV358-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LMV358-S08-R
Description  GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LMV358-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LMV358-S08-R Datasheet HTML 1Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 2Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 3Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 4Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 5Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 6Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 7Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 8Page - Unisonic Technologies LMV358-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LMV358
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 12
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R105-010,C
GENERAL PURPOSE, LOW
VOLTAGE, RAIL-TO-RAIL
OUTPUT OPERATIONAL
AMPLIFIERS
DESCRIPTION
The UTC LMV358 are low voltage (2.7-5.5V) versions of the dual
and quad commodity op amps, LM358, which currently operate at
5-30V. The UTC LMV358 are the most cost effective solutions for
the applications where low voltage operation, space saving and low
price are needed. They offer specifications that meet or exceed the
familiar LM358. The UTC LMV358 have rail-to-rail output swing
capability and the input common-mode voltage range includes
ground. They all exhibit excellent speed-power ratio, achieving
1MHz of bandwidth and 1V/
µs of slew rate with low supply current.
The chips are built with National’s advanced submicron
silicon-gate BiCMOS process. The UTC LMV358 have bipolar input
and output stages for improved noise performance and higher output
current drive.
FEATURES
(For V
1 =5V and V=0V. Typical Unless Otherwise Noted)
*Guaranteed 2.7V and 5V Performance
*No Crossover Distortion
*Space Saving Package
*Industrial Temp. Range
*Gain-Bandwidth Product
*Low Supply Current: 210
µA
*Rail-to-Rail Output Swing
@10k
Ω Load
V
1-10mV
V +65mV
*VCM -0.2V to V
1 –0.8V
DIP-8
SOP-8
TSSOP-8
*Pb-free plating product number: LMV358L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
LMV358-D08-T
LMV358L-D08-T
DIP-8
Tube
LMV358-P08-R
LMV358L-P08-R
TSSOP-8
Tape Reel
LMV358-P08-T
LMV358L-P08-T
TSSOP-8
Tube
LMV358-S08-R
LMV358L-S08-R
SOP-8
Tape Reel
LMV358-S08-T
LMV358L-S08-T
SOP-8
Tube
LMV358L-D08-T
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel, T: Tube
(2) D08: DIP-8, S08: SOP-8, P08: TSSOP-8
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - LMV358-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LMV358-S08-R UTC-LMV358-S08-R Datasheet
459Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - LMV358-S08-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV321 NSC-LMV321 Datasheet
1Mb / 27P
General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LPV321 NSC-LPV321 Datasheet
715Kb / 21P
General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
UTCLMV358 UTC-UTCLMV358 Datasheet
925Kb / 9P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321 Datasheet
630Kb / 16P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
/LMV324 Rev. 1
LMV321 DIODES-LMV321_10 Datasheet
625Kb / 15P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
DS33196 Rev. 5 - 2
logo
Unisonic Technologies
LMV358 UTC-LMV358_09 Datasheet
459Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV358 UTC-LV358 Datasheet
412Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
L6132 UTC-L6132 Datasheet
390Kb / 11P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV324 UTC-LV324 Datasheet
184Kb / 6P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LPV358 TI1-LPV358 Datasheet
798Kb / 23P
GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com