Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK2218ZPV Datasheet(PDF) 35 Page - Texas Instruments

Part # TLK2218ZPV
Description  8-PORT GIGABIT ETHERNET TRANSCEIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2218ZPV Datasheet(HTML) 35 Page - Texas Instruments

Back Button TLK2218ZPV Datasheet HTML 31Page - Texas Instruments TLK2218ZPV Datasheet HTML 32Page - Texas Instruments TLK2218ZPV Datasheet HTML 33Page - Texas Instruments TLK2218ZPV Datasheet HTML 34Page - Texas Instruments TLK2218ZPV Datasheet HTML 35Page - Texas Instruments TLK2218ZPV Datasheet HTML 36Page - Texas Instruments TLK2218ZPV Datasheet HTML 37Page - Texas Instruments TLK2218ZPV Datasheet HTML 38Page - Texas Instruments TLK2218ZPV Datasheet HTML 39Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
www.ti.com
LVCMOS INPUT TIMING REQUIREMENTS
TLK2218
SLLS734 – FEBRUARY 2007
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP(1)
MAX
UNIT
tsu
TDxx[9:0] setup prior to TCLKx transition high or low
Timing relative to 0.5 VDDQ,
1.4
ns
See Figure 15
th
TDxx[9:0] hold after TCLKx transition high or low
Timing relative to 0.5 VDD,
0.0
ns
See Figure 15
t(Pulse)(2)
‡ TCLKx clock period divided by 2
Timing relative to 0.5 VDDQ,
3.85
5
ns
See Figure 16
(1)
Timings valid for VIH no less than 80% of VDDQ and VIL no higher than 20% VDDQ.
(2)
TCLKB is assumed to be frequency locked to REFCLK with only phase differences.
Figure 15. LVCMOS Source Centered Data Input Timing Requirements
35
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com