Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK2218ZPV Datasheet(PDF) 21 Page - Texas Instruments

Part # TLK2218ZPV
Description  8-PORT GIGABIT ETHERNET TRANSCEIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2218ZPV Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLK2218ZPV Datasheet HTML 17Page - Texas Instruments TLK2218ZPV Datasheet HTML 18Page - Texas Instruments TLK2218ZPV Datasheet HTML 19Page - Texas Instruments TLK2218ZPV Datasheet HTML 20Page - Texas Instruments TLK2218ZPV Datasheet HTML 21Page - Texas Instruments TLK2218ZPV Datasheet HTML 22Page - Texas Instruments TLK2218ZPV Datasheet HTML 23Page - Texas Instruments TLK2218ZPV Datasheet HTML 24Page - Texas Instruments TLK2218ZPV Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
www.ti.com
Serializer
RECEIVE LOGIC
Receive Parallel Interface
TLK2218
SLLS734 – FEBRUARY 2007
The parallel-to-serial shift register on each channel takes in 10-bit-wide data from either the 8b/10b encoders, if
enabled, or directly from the transmit data bus, and converts it to a serial stream. The shift register is clocked by
the internally generated bit clock, which is 10 times the reference-clock (REFCLK) frequency. The
least-significant bit (LSB) for each channel is transmitted first.
The receiver input data must be ac-coupled and have a rate of 1.0.1.3 Gbps. Resistive termination to match
50-
Ω traces is on-chip. The clock recovery circuitry retimes the input data by extracting a clock from the input
data, and passes on the serial data and this recovered clock to the deserializer. Byte alignment is performed on
K-characters per IEEE 802.3z (see the byte alignment logic section for details).
The receive data bus for all channels is output source centered with the bus clock in the center of the data eye,
allowing direct connection to the protocol device.
In multiplexed channel and nibble interface synchronized channel modes, parallel data to be transferred to the
protocol device is output referenced to both the rising and falling edges of RCLK. RCLK is frequency
synchronous with REFCLK, but has no set phase relationship with respect to REFCLK.
In multiplexed channel mode, channels A and B, C and D, E and F, and G and H are each paired and
interleaved on the same 10-bit bus. Channels B, D, F, H are output referenced to the rising edge of
RCLK/RBCH and falling edge of RBCG (see Figure 6). Channels A, C, E, and G are output referenced to the
falling edge of RCLK/RBCH and rising edge of RBCG. Remaining clocks RBCE–RBCF, RBCC–RBCD, and
RBCA–RBCB are identical copies of RCLK/RBCH–RBCG and could be used as complementary clock pairs.
Figure 6. Multiplexed Channel Receive Timing
In the nibble interface channel mode, channels B, D, F, and H are output on the high-order nibble RDxx[9:5],
while channels A, C, E, G are output on the low-order nibble RDxx[4:0] as shown in Figure 7.
In the nibble interface channel mode, parallel data to be transferred to the protocol device on channel A
(RDBA[4:0]) is output referenced to both the rising and falling edges of RBCA, and channel B (RDBA[9:5]) is
output referenced to both the rising and falling edges of RBCB. Channels C through H are output the same way
with their respective clocks.
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com