Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK2218ZPV Datasheet(PDF) 2 Page - Texas Instruments

Part # TLK2218ZPV
Description  8-PORT GIGABIT ETHERNET TRANSCEIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2218ZPV Datasheet(HTML) 2 Page - Texas Instruments

  TLK2218ZPV Datasheet HTML 1Page - Texas Instruments TLK2218ZPV Datasheet HTML 2Page - Texas Instruments TLK2218ZPV Datasheet HTML 3Page - Texas Instruments TLK2218ZPV Datasheet HTML 4Page - Texas Instruments TLK2218ZPV Datasheet HTML 5Page - Texas Instruments TLK2218ZPV Datasheet HTML 6Page - Texas Instruments TLK2218ZPV Datasheet HTML 7Page - Texas Instruments TLK2218ZPV Datasheet HTML 8Page - Texas Instruments TLK2218ZPV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
TLK2218
SLLS734 – FEBRUARY 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
In the multiplexed channel mode, the parallel interface accepts 8-bit-wide unencoded or 10-bit-wide 8b/10b
encoded data with channels A, C, E, and G aligned to the falling edge of the source synchronous transmit clock
and channels B, D, F, and H aligned to the rising edge of the transmit clock. The receive path interface is done
in the same manner.
The TLK2218 aligns the recovered data clock frequency to the reference clock on each channel by means of a
clock tolerance compensation circuit and internal FIFO that inserts or drops 20-bit IDLE codes as needed in the
interpacket gap (IPG). In synchronous mode, the received data for all channels is aligned to a single receive
data clock that is a buffered version of the reference clock.
The TLK2218 supports a selectable IEEE 802.3z compliant 8b/10b encoder/decoder in all its modes of
operation.
The TLK2218 automatically locks onto incoming data without the need to pre-lock.
The TLK2218 provides a comprehensive series of built-in tests for self-test purposes including loopback and
PRBS generation and verification. An IEEE 1149.1 JTAG port is also supported to aid in board-manufacturing
testing.
The TLK2218 is housed in a small form-factor 19
×19-mm, 289-terminal BGA with 1,0-mm ball pitch.
The TLK2218 is characterized to support the commercial temperature range of 0
°C to 70°C.
The TLK2218 consumes 1.3 W when operating at nominal conditions.
The TLK2218 is designed to be hot-plug capable. A power-on reset puts the serial side output signal terminals
TX+/TX– in the high-impedance state during power up.
ORDERING INFORMATION
TA
PACKAGED DEVICE(1)
289-BGA (ZPV)
0
°C to 70°C
TLK2218ZPV
(1)
For the most current package and ordering information, see the
Package Option Addendum at the end of this document, or see the
TI Web site at www.ti.com.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com