Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK2218ZPV Datasheet(PDF) 19 Page - Texas Instruments

Part # TLK2218ZPV
Description  8-PORT GIGABIT ETHERNET TRANSCEIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2218ZPV Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLK2218ZPV Datasheet HTML 15Page - Texas Instruments TLK2218ZPV Datasheet HTML 16Page - Texas Instruments TLK2218ZPV Datasheet HTML 17Page - Texas Instruments TLK2218ZPV Datasheet HTML 18Page - Texas Instruments TLK2218ZPV Datasheet HTML 19Page - Texas Instruments TLK2218ZPV Datasheet HTML 20Page - Texas Instruments TLK2218ZPV Datasheet HTML 21Page - Texas Instruments TLK2218ZPV Datasheet HTML 22Page - Texas Instruments TLK2218ZPV Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
www.ti.com
TRANSMIT LOGIC
Transmit Clock Interface
Transmit Parallel Interface
TLK2218
SLLS734 – FEBRUARY 2007
The reference clock input must always be in the range of 100 MHz through 130 MHz and is not to be cut in half
while in half rate mode.
The transmit clock must be 1/10 the data rate whether in half rate or full rate mode. That is, the transmit clock
must be in the range of 50 MHz through 65 MHz in half rate mode or 100 MHz through 130 MHz in full rate
mode. The transmit clock and reference clock must come from the same clock source and have NO frequency
deviation between transmit clock and reference clock, with the exception that in half rate mode the transmit clock
is exactly 1/2 the reference clock. The transmit FIFO can accommodate arbitrary phase relationships between
the transmit clock and reference clock, but not for only frequency deviations. In half rate mode, the transmit
FIFO is read by a clock from the TLK2218 PLL which will be exactly half the reference clock frequency, and so
transmit clock must be exactly half the reference clock frequency.
The recovered byte clock is always 1/10 the rate of the data rate, so will be in the range of 50MHz through 65
MHz or will be in the range of 100MHz through 130MHz. If the clock tolerance compensation FIFO's are used,
then the recovered byte clock will be a buffered version of REFCLK in full rate mode or a buffered version of
REFCLK/2 in half rate mode.
MODE0
OPERATING RANGE
High
Half rate 0.5–0.65 Gbps.
Low
Full rate 1.0–1.3 Gbps
The transmit logic converts parallel data into an NRZ serial bit stream with a differential VML output at 1.0–1.3
Gbps, dependent on REFCLK and TCLKx frequency. The input to the transmitter can be either an 8-bit parallel
word plus a control (K) bit, or a 10-bit word.
The TLK2218 provides two transmit clocking modes as summarized in Table 3. In synchronous channel mode,
all input data for all channels is timed from a single input clock, TCLKB. In independent channel mode, four
clocks are used; input data for each pair of channels is timed with one of these clocks.
In synchronous channel mode, data to be transmitted is latched by both the rising and falling edges of TCLKB.
TCLKB must be frequency synchronous with REFCLK (0 ppm), but may have any phase relationship with
respect to REFCLK.
In independent channel mode, input data for channels A and B is referenced from TCLKB. Input data for
channels C and D is referenced from TCLKD. Input data for channels E and F is referenced from TCLKF, and
lastly input data from channels G and H is referenced from TCLKH. TCLKB, TCLKD, TCLKF and TCLKH are
expected to be the same frequency as the reference clock, REFCLK, but of arbitrary phase.
Table 3. Independent vs Synchronous Mode
TCLKSEL (TERMINAL)
TransClkMode MDIO
OPERATING MODE
REGISTER 17.15
Low
Low
Synchronous channel mode
Don't Care
High
Independent channel mode
High
Don't Care
Independent channel mode
The TLK2218 provides source-centered interface to the MAC.
In multiplexed channel mode, channels A and B, C and D, E and F, and G and H are each interleaved on the
same 10-bit bus. Channels B, D, F, H are input referenced to the rising edge of TCLKx. Channels A, C, E, and
G are input referenced to the falling edge of TCLKB (see Figure 4).
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com