Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3550-50-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UC3550-50-AF5-R
Description  PWM CONTROLLED竊똏WM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3550-50-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UC3550-50-AF5-R Datasheet HTML 1Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 2Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 3Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 4Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 5Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 6Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 7Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 8Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
UC3550
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R502-082,A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VOUT
-0.3~8
V
EXT Voltage
VEXT
-0.3 ~ 8
V
EXT Sink/Source Current
IEXT
-150 ~ +150
mA
CE Input Voltage Range
VCE
-0.3 ~ 12.0
V
CE Input Current Range
ICE
-155 ~ 155
mA
Power Dissipation (Ta=25℃)
PD
500
mW
Junction Temperature
TJ
+150
Operating Temperature
TOPR
-40 ~ +85
Storage Temperature
TSTG
-55 ~ +150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Thermal Resistance Junction to Air
θJA
250
/W
ELECTRICAL CHARACTERISTICS (Ta=25℃, fOSC=300kHz, unless otherwise specified)
UC3550-3.3V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OSCILLATOR
Frequency
fOSC
VOUT=VSET×0.96
240
300
360
kHz
Frequency Temperature Coefficient
f
Ta=-40℃ ~ 85℃
0.10
%/℃
Maximum PWM Duty Cycle
DMAX
VOUT=VSET×0.96
70
80
90
%
Minimum Start-up Voltage
VSTART1
IOUT=0mA
800
900
mV
Minimum Start-up Voltage
VSTART2
IOUT=1mA
900
1000
mV
Minimum Start-up Voltage
Temperature Coefficient
V
START Ta=-40℃ ~ 85℃
-1.6
mV/℃
Minimum Operation Hold Voltage
VOPR
IOUT=0mA
600
700
mV
Soft-Start Time
tSS
VOUT=VSET
60
250
ms
CE (PIN 1)
VCEH
900
mV
CE Input Voltage:
High State, Device Enabled
Low State, Device Disabled
VCEL
VOUT=VSET×0.96
680
mV
ICEH
VOUT=VCE=5.0V
-0.5
0
0.5
µA
CE Input Current:
High State, Device Enabled
Low State, Device Disabled
ICEL
VOUT=5.0V, VCE=0V
0
0.15
0.5
µA
EXT (PIN 5)
EXT “H”
REXTH
VEXT=VOUT-0.4V
11
15
ON Resistance
EXT “L”
REXTL
VEXT=0.4V
8
12
TOTAL DEVICE
Output Voltage
VOUT
3.218
3.3
3.383
V
Output Voltage
temperature coefficient
V
OUT
Ta=-40 ~ 85℃
150
ppm/℃
Operating Current
IDD
VOUT=VCE=VSET×0.96
103
160
µA
Stand-by Current
ISTN-BY
VOUT=VCE=VSET+0.5V
15
38
µA
Off-State Current
IOFF
VOUT=5.0V, VCE=0V,
Ta=-40 ~ +85℃
0.6
1.5
µA
Efficiency
η
IOUT = 200mA, VIN = 2.0V
80
88
%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com