Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3550-50-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC3550-50-AF5-R
Description  PWM CONTROLLED竊똏WM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3550-50-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC3550-50-AF5-R Datasheet HTML 1Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 2Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 3Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 4Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 5Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 6Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 7Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 8Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC3550
CMOS IC
www.unisonic.com.tw
1 of 10
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R502-082,A
PWM CONTROLLED,
PWM/PFM SWITCHABLE
STEP-UP DC-DC CONTROLLER
DESCRIPTION
The UTC UC3550 series is a compact, high efficiency, step-up
DC/DC controllers includes an error amplifier, oscillator, PWM
comparator, skip cycle comparator, voltage reference, soft-start,
and high speed lower ON-resistance driver for driving external
power devices (NMOS or NPN) ,Additionally, a CE (chip enable)
function that reduces power consumption during shut-down mode.
That typically operated from a single-or dual-cell battery packs. It
have a driver pin ,ext pin, for connecting to an external transistor
NMOS or NPN). a lower ON-resistance external transistor can
obtain larger output current. With only external components, this
series allow a simple means to accommodate high output current
applications.
The UTC UC3550 series goes automatically into skip switching
cycles under light load condition to maintain high efficiency.
FEATURES
* Input voltage range:0.9~8V
* Output voltage range:1.8~6V programmable in 0.1V with high
accuracy ± 2.5%
* High efficiency 88%(typ.)
* Low start-up voltage of 0.9V typical at IOUT = 1.0mA
* Oscillator frequency: 300kHz.(±20%)
* Chip enable pin with pull-up current source
* High output current up to 1000mA (VIN = 2.0V, VOUT =3.3V)
SOT-25
4
5
3
2
1
*Pb-free plating product number: UC3550L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
UC3550-xx-AF5-R
UC3550L-xx-AF5-R
SOT-25
Tape Reel
UC3550L-xx-AF5-R
(1)Packing Type
(2)Package Type
(4)Lead Plating
(1) R: Tape Reel
(2) AF5: SOT-25
(4) L: Lead Free Plating, Blank: Pb/Sn
(3) xx: reference to Marking Information
(3)Voltage Code


Similar Part No. - UC3550-50-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3550 UTC-UC3550 Datasheet
368Kb / 10P
PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550 Datasheet
391Kb / 9P
PWM CONTROLLED竊?PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER DESCRIPTION
UC3550G-XX-AF5-R UTC-UC3550G-XX-AF5-R Datasheet
368Kb / 10P
PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550G-XX-AF5-R UTC-UC3550G-XX-AF5-R Datasheet
391Kb / 9P
PWM CONTROLLED竊?PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER DESCRIPTION
UC3550G-XX-AF5-R UTC-UC3550G-XX-AF5-R Datasheet
386Kb / 11P
PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
More results

Similar Description - UC3550-50-AF5-R

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
PFM/PWM Step-Up DC/DC Controller
2002
logo
Torex Semiconductor
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
PFM/PWM Step-Up DC/DC Controller
2002
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_11 Datasheet
391Kb / 9P
PWM CONTROLLED竊?PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER DESCRIPTION
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com