Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3550-50-AF5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UC3550-50-AF5-R
Description  PWM CONTROLLED竊똏WM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3550-50-AF5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UC3550-50-AF5-R Datasheet HTML 1Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 2Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 3Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 4Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 5Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 6Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 7Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 8Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
UC3550
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 10
www.unisonic.com.tw
QW-R502-082,A
ELECTRICAL CHARACTERISTICS (Cont.)
UC3550-5.0V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OSCILLATOR
Frequency
fOSC
VOUT=VSET×0.96
240
300
360
kHz
Frequency Temperature Coefficient
f
Ta=-40℃ ~ 85℃
0.1
%/℃
Maximum PWM Duty Cycle
DMAX
VOUT=VSET×0.96
70
80
90
%
Minimum Start-up Voltage
VSTART1 IOUT=0mA
800
900
mV
Minimum Start-up Voltage
VSTART2 IOUT=1mA
900
1
V
Minimum Start-up Voltage
Temperature Coefficient
V
START Ta=-40℃ ~ 85℃
-1.6
mV/℃
Minimum Operation Hold Voltage
VOPR
IOUT=0mA
600
700
mV
Soft-Start Time
tSS
VOUT=VSET
60
200
ms
CE (PIN 1)
VCEH
900
mV
CE Input Voltage :
High State, Device Enabled
Low State, Device Disabled
VCEL
VOUT=VSET×0.96
680
mV
ICEH
VOUT=VCE=5.0V
-0.5
0
0.5
µA
CE Input Current :
High State, Device Enabled
Low State, Device Disabled
ICEL
VOUT=5.0V, VCE=0V
0
0.15
0.5
µA
EXT (PIN 5)
EXT “H”
REXTH
VEXT=VOUT-0.4V
6
10
ON Resistance
EXT “L”
REXTL
VEXT=0.4V
6
10
TOTAL DEVICE
Output Voltage
VOUT
4.875
5
5.125
V
Output Voltage temperature
coefficient
V
OUT
Ta=-40 ~ 85℃
150
ppm/℃
Operating Current
IDD
VOUT=VCE=VSET×0.96
136
220
µA
Stand-by Current
ISTN-BY
VOUT=VCE=VSET+0.5V
15
38
µA
Off-State Current
IOFF
VOUT=5.0V, VCE=0V,
Ta=-40 ~ +85℃
0.6
1.5
µA
Efficiency
η
IOUT = 200mA, VIN = 2.0V
80
88
%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com