Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3550-50-AF5-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UC3550-50-AF5-R
Description  PWM CONTROLLED竊똏WM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3550-50-AF5-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button UC3550-50-AF5-R Datasheet HTML 2Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 3Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 4Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 5Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 6Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 7Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 8Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 9Page - Unisonic Technologies UC3550-50-AF5-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
UC3550
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 10
www.unisonic.com.tw
QW-R502-082,A
TYPICAL STEP-UP CONVERTER APPLICATION
CE
OUT
NC
EX T
GND
VOUT
VIN
1
2
34
5
UTC
UC3550
10uF
220uF
Step -up Converter using external MOSFET
10uH
CE
OUT
NC
EXT
GND
VOUT
VIN
1
2
34
5
UTC
UC3550
Cb 3000P
Rb 560
10uF
220 uF
Step -up Converter using external NPN
10uH
0.1µ
0.1µ
Recommended components
NmosTr :XP161A0390PR/ (Torex) or NTGS3446T1(ON SEMI)
L
10Uh(sunida CD54 fosc=300kHz)
SD
MA737, or MBRM110L
Cin
10V 10uF (tantalum)
CL
16V220uF (tantalum)
NPN Tr type
Tr
2SD1628(Sanyo),MMJT9410
Rb
500~1000Ω(Adjust according to load and Tr. hFE levels)
Cb
3000p(ceramic type)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com