Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND256-M Datasheet(PDF) 13 Page - STMicroelectronics

Part # NAND256-M
Description  256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND256-M Datasheet(HTML) 13 Page - STMicroelectronics

Back Button NAND256-M Datasheet HTML 9Page - STMicroelectronics NAND256-M Datasheet HTML 10Page - STMicroelectronics NAND256-M Datasheet HTML 11Page - STMicroelectronics NAND256-M Datasheet HTML 12Page - STMicroelectronics NAND256-M Datasheet HTML 13Page - STMicroelectronics NAND256-M Datasheet HTML 14Page - STMicroelectronics NAND256-M Datasheet HTML 15Page - STMicroelectronics NAND256-M Datasheet HTML 16Page - STMicroelectronics NAND256-M Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
NAND256-M, NAND512-M, NAND01G-M
Summary description
13/23
Figure 4.
TFBGA107 Connections (Top view through package)
AI10143b
VDDD
A8
DQM1
VSSD
KE
A12
DQM0
H
A9
D
R
C
DQ4
A1
B
A3
A
8
7
6
5
4
3
2
1
VSSD
VDDQD
G
F
E
VDDQD
DU
WP
A0
BA0
DQ6
VSSQD
CAS
A11
NC
WF
BA1
A10
DU
VDDD
VSSD
9
NC
A2
ED
M
L
K
J
DU
DQ15
NC
DQ11
I/O6
VDDQD
VSSQD
NC
DQ9
I/O5
DQ13
VDDD
VSSF
VDDF
A7
I/O4
I/O7
A5
DU
DU
VSSQD
A4
DU
P
N
10
NC
RB
DQ2
NC
NC
EF
I/O3
VDDF
I/O2
NC
CL
AL
DQ0
VSSF
I/O1
VSSF
I/O0
K
DQ1
DQ3
DQ5
DQ7
VDDD
DQ10
DQ12
DQ14
VSSD
DQ8
DU
DU
DU
DU
A6
WD
NC
RAS
VDDF
NC
NC
NC
NC
NC
I/O9
I/O11
I/O13
I/O15
I/O8
I/O10
I/O12
I/O14
DU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com