Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND256-M Datasheet(PDF) 17 Page - STMicroelectronics

Part # NAND256-M
Description  256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND256-M Datasheet(HTML) 17 Page - STMicroelectronics

Back Button NAND256-M Datasheet HTML 13Page - STMicroelectronics NAND256-M Datasheet HTML 14Page - STMicroelectronics NAND256-M Datasheet HTML 15Page - STMicroelectronics NAND256-M Datasheet HTML 16Page - STMicroelectronics NAND256-M Datasheet HTML 17Page - STMicroelectronics NAND256-M Datasheet HTML 18Page - STMicroelectronics NAND256-M Datasheet HTML 19Page - STMicroelectronics NAND256-M Datasheet HTML 20Page - STMicroelectronics NAND256-M Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
NAND256-M, NAND512-M, NAND01G-M
Package Mechanical
17/23
3
Package Mechanical
Figure 7.
TFBGA107 10.5x13mm - 10x14 active ball array, 0.80mm pitch, Bottom Outline
1.
Drawing not to scale.
A2
A1
A
BGA-Z24
ddd
D
E
e
b
SE
FD
FE
E1
e
SD
D1
BALL "B1"
Table 6.
TFBGA107 10.5x13mm - 10x14 active ball array, 0.80mm pitch, Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.20
0.047
A1
0.25
0.010
A2
0.80
0.031
b
0.45
0.40
0.50
0.018
0.016
0.020
D
10.50
10.40
10.60
0.413
0.409
0.417
D1
7.20
0.283
ddd
0.10
0.004
E
13.00
12.90
13.10
0.512
0.508
0.516
E1
10.40
0.409
e0.80–
–
0.031
–
–
FD
1.65
0.065
FE
1.30
0.051
SD
0.40
0.016
SE
0.40
0.016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com