Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND256-M Datasheet(PDF) 15 Page - STMicroelectronics

Part # NAND256-M
Description  256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND256-M Datasheet(HTML) 15 Page - STMicroelectronics

Back Button NAND256-M Datasheet HTML 11Page - STMicroelectronics NAND256-M Datasheet HTML 12Page - STMicroelectronics NAND256-M Datasheet HTML 13Page - STMicroelectronics NAND256-M Datasheet HTML 14Page - STMicroelectronics NAND256-M Datasheet HTML 15Page - STMicroelectronics NAND256-M Datasheet HTML 16Page - STMicroelectronics NAND256-M Datasheet HTML 17Page - STMicroelectronics NAND256-M Datasheet HTML 18Page - STMicroelectronics NAND256-M Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
NAND256-M, NAND512-M, NAND01G-M
Summary description
15/23
Figure 6.
LFBGA137 and
TFBGA137 Connections (Top view through package)
AI13146
VDDQD
NC
DQ20
NC
VSSQD
K
DQ9
DQ15
H
NC
D
R
C
A7
DQ30
B
NC
VDDD
A
8
7
6
5
4
3
2
1
A4
VSSD
VDDD
A5
G
F
E
A11
DU
WP
DQ31
DQ29
KE
A6
A8
DQ26
DQM3
DQM2
DQ23
VSSQD
VSSD
WF
DQ28
VSSQD
DU
CAS
NC
RAS
9
NC
VDDQD
VDDQD
A12
VDDD
M
L
K
J
VSSD
I/O2
VDDQD
VDDD
I/O4
NC
BA0
A3
DQ4
VSSD
DQM0
BA1
WD
A1
A2
I/O1
A10
DQ6
DQ3
NC
VDDD
VSSD
I/O7
NC
NC
NC
VSSQD
NC
DQ5
VDDQD
DU
NC
NC
ED
VSSQD
I/O0
DU
R
P
N
10
DQ12
DQM1
RB
DQ27
DQ22
DQ24
EF
VSSF
DQ8
DQ2
I/O5
I/O6
DQ10
DQ13
NC
VSSF
DQ25
NC
DQ19
VDDF
NC
DQ7
DQ1
I/O3
VDDF
DQ11
DQ21
DQ16
AL
A9
DQ18
DQ17
CL
NC
A0
DQ0
NC
NC
DQ14
VSSQD
VDDQD
VDDD
NC
VDDQD
DU
VSSQD
VSSQD
VSSQD
VDDQD
VSSQD
VSSQD
VDDQD
VDDQD
NC
DU
DU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com