Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND256-M Datasheet(PDF) 16 Page - STMicroelectronics

Part # NAND256-M
Description  256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND256-M Datasheet(HTML) 16 Page - STMicroelectronics

Back Button NAND256-M Datasheet HTML 12Page - STMicroelectronics NAND256-M Datasheet HTML 13Page - STMicroelectronics NAND256-M Datasheet HTML 14Page - STMicroelectronics NAND256-M Datasheet HTML 15Page - STMicroelectronics NAND256-M Datasheet HTML 16Page - STMicroelectronics NAND256-M Datasheet HTML 17Page - STMicroelectronics NAND256-M Datasheet HTML 18Page - STMicroelectronics NAND256-M Datasheet HTML 19Page - STMicroelectronics NAND256-M Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Maximum rating
NAND256-M, NAND512-M, NAND01G-M
16/23
2
Maximum rating
Stressing the device above the rating listed in the Absolute Maximum Ratings table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 5.
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
Min
Max
TA
Ambient Operating Temperature
-30
85
°C
TBIAS
Temperature Under Bias
TBD(1)
1.
TBD stands for To Be Defined.
TBD(1)
°C
TSTG
Storage Temperature
-55
125
°C
VIO
(2)
2.
Minimum Voltage may undershoot to -2V for less than 20ns during transitions on input and I/O pins.
Maximum voltage may overshoot to VDD + 2V for less than 20ns during transitions on I/O pins.
NAND Flash Input or Output
Voltage
1.8V device
-0.6
2.7
V
3V device
-0.6
4.6
V
LPSDRAM Input or Output
Voltage
1.8V device
-0.5
2.6
V
VDDF
NAND Flash Supply Voltage
1.8V device
-0.6
2.7
V
3V device
-0.6
4.6
V
VDDD, VDDQD
LPSDRAM Supply Voltage
1.8V device
-0.5
2.6
V
LPSDRAM Short
Circuit Output
Current
IOS
50
mA
LPSDRAM Power
Dissipation
PD
1.0
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com