Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND512-M Datasheet(PDF) 6 Page - STMicroelectronics

Part # NAND512-M
Description  256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND512-M Datasheet(HTML) 6 Page - STMicroelectronics

Back Button NAND512-M Datasheet HTML 2Page - STMicroelectronics NAND512-M Datasheet HTML 3Page - STMicroelectronics NAND512-M Datasheet HTML 4Page - STMicroelectronics NAND512-M Datasheet HTML 5Page - STMicroelectronics NAND512-M Datasheet HTML 6Page - STMicroelectronics NAND512-M Datasheet HTML 7Page - STMicroelectronics NAND512-M Datasheet HTML 8Page - STMicroelectronics NAND512-M Datasheet HTML 9Page - STMicroelectronics NAND512-M Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Summary description
NAND256-M, NAND512-M, NAND01G-M
6/23
1
Summary description
The NAND256-M, NAND512-M and NAND01G-M are Multi-Chip Packages which combine
up to 512 Mbit LPSDRAM with a 256 Mbit, 512 Mbit or 1 Gbit NAND Flash memory. This
combination of LPSDRAM and NAND Flash can result in up to 1 Gbit of memory.
The NAND Flash memory and LPSDRAM components have separate power supplies and
grounds. They also have separate control, address and input/output signals, which allows
simultaneous access to both devices at any moment.
They are distinguished by two chip enable inputs: EF for the NAND Flash memory and ED
for the LPSDRAM. See Figure 1: Logic Diagram: NAND Flash & 1 x SDR LPSDRAM and
Table 2: Signal Names: NAND Flash & 1 x SDR LPSDRAM for an overview of the signals
attached to each component.
The NAND256-M, NAND512-M and NAND01G-M are available with a 1.8 or 3V voltage
supply. See Table 1: Product List for a complete list of the products available.
The devices are offered in the following Multi-Chip packages:
●
TFBGA107 (10.5 x 13 x 1.2mm)
●
LFBGA137 (10.5 x 13 x 1.4mm)
●
TFBGA149 (10 x 13.5 x 1.2mm)
●
TFBGA137 (10.5 x 13 x 1.2mm)
In order to meet environmental requirements, ST offers the NAND256-M, NAND512-M and
NAND01G-M devices in ECOPACK® package. ECOPACK packages are Lead-free. The
category of second Level Interconnect is marked on the package and on the inner box label,
in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
The memories are supplied with all the NAND Flash memory bits erased (set to ‘1’).
This datasheet should be read in conjunction with the NAND Flash and LPSDRAM
datasheets.
NAND Flash Component
The NAND256-M, NAND512-M and NAND01G-M devices contain a 1.8V, 256 Mbit or 512
Mbit, x8 528 Byte Page or x16 264 Word Page, NAND Flash memory with the Chip Enable
Don’t Care option.
For detailed information on how to use the devices, see the NANDxxx-A and
NAND01GWxA2B-KGD datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com