Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND512-M Datasheet(PDF) 10 Page - STMicroelectronics

Part # NAND512-M
Description  256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND512-M Datasheet(HTML) 10 Page - STMicroelectronics

Back Button NAND512-M Datasheet HTML 6Page - STMicroelectronics NAND512-M Datasheet HTML 7Page - STMicroelectronics NAND512-M Datasheet HTML 8Page - STMicroelectronics NAND512-M Datasheet HTML 9Page - STMicroelectronics NAND512-M Datasheet HTML 10Page - STMicroelectronics NAND512-M Datasheet HTML 11Page - STMicroelectronics NAND512-M Datasheet HTML 12Page - STMicroelectronics NAND512-M Datasheet HTML 13Page - STMicroelectronics NAND512-M Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Summary description
NAND256-M, NAND512-M, NAND01G-M
10/23
Table 3.
Signal Names: NAND Flash & 2 x SDR LPSDRAMs
NAND Flash
I/O0-I/O7
Data Inputs/Outputs
AL
Address Latch Enable
CL
Command Latch Enable
EF
Chip Enable
R
Read Enable
RB
Ready/Busy (open-drain output)
WF
Write Enable
WP
Write Protect
VDDF
Supply Voltage
VSSF
Ground
SDR LPSDRAM
A0-A12
Row Address: RA0-RA11
Column Address: CA0-CA8
Auto-precharge flag: A10
BA0-BA1
Bank Address
DQ0-DQ15
Data Inputs/Outputs for x16 devices SDR0
DQ16-DQ31
Data Inputs/Outputs for x16 devices SDR1
KClock Input
KE
Clock Enable Input
E0D
Chip Select input for SDR0
E1D
Chip Select input for SDR1
WD
Write Enable Input
RAS
Row Address Strobe Input
CAS
Column Address Strobe Input
DQM0
Lower DQ Mask Enable Output for SDR0
DQM1
Upper DQ Mask Enable Output for SDR0
DQM2
Lower DQ Mask Enable Output for SDR1
DQM3
Upper DQ Mask Enable Output for SDR1
VDDD
Supply Voltage
VDDQD
Input/Output Supply Voltage
VSSD
Ground
VSSQD
Input/Output Ground
NC
Not Connected Internally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com