Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND512-M Datasheet(PDF) 19 Page - STMicroelectronics

Part # NAND512-M
Description  256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND512-M Datasheet(HTML) 19 Page - STMicroelectronics

Back Button NAND512-M Datasheet HTML 15Page - STMicroelectronics NAND512-M Datasheet HTML 16Page - STMicroelectronics NAND512-M Datasheet HTML 17Page - STMicroelectronics NAND512-M Datasheet HTML 18Page - STMicroelectronics NAND512-M Datasheet HTML 19Page - STMicroelectronics NAND512-M Datasheet HTML 20Page - STMicroelectronics NAND512-M Datasheet HTML 21Page - STMicroelectronics NAND512-M Datasheet HTML 22Page - STMicroelectronics NAND512-M Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
NAND256-M, NAND512-M, NAND01G-M
Package Mechanical
19/23
Figure 9.
LFBGA137 10.5x13mm - 10x13 active ball array, 0.8mm pitch- Bottom Outline
1.
Subject to change without prior notice.
E
D
e
b
SD
A1
A2
A
BGA-Z83
ddd
FD
D1
E1
e
FE
BALL "B1"
Table 8.
LFBGA137 10.5x13mm - 10x13 active ball array, 0.8mm pitch- Mechanical Data(1)
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.40
0.055
A1
0.25
0.010
A2
1.00
0.039
b
0.45
0.40
0.50
0.018
0.016
0.020
D
10.50
10.40
10.60
0.413
0.409
0.417
D1
7.20
0.283
ddd
0.10
0.004
E
13.00
12.90
13.10
0.512
0.508
0.516
E1
11.20
0.441
e
0.80
–
–
0.031
–
–
FD
1.65
0.065
FE
0.90
0.035
SD
0.40
0.016
1.
Subject to change without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com