Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND512-M Datasheet(PDF) 21 Page - STMicroelectronics

Part # NAND512-M
Description  256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND512-M Datasheet(HTML) 21 Page - STMicroelectronics

Back Button NAND512-M Datasheet HTML 15Page - STMicroelectronics NAND512-M Datasheet HTML 16Page - STMicroelectronics NAND512-M Datasheet HTML 17Page - STMicroelectronics NAND512-M Datasheet HTML 18Page - STMicroelectronics NAND512-M Datasheet HTML 19Page - STMicroelectronics NAND512-M Datasheet HTML 20Page - STMicroelectronics NAND512-M Datasheet HTML 21Page - STMicroelectronics NAND512-M Datasheet HTML 22Page - STMicroelectronics NAND512-M Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
NAND256-M, NAND512-M, NAND01G-M
Part Numbering
21/23
4
Part Numbering
Devices are shipped from the factory with the Flash memory content bits, in valid blocks,
erased to ’1’. For further information on any aspect of this device, please contact your
nearest ST Sales Office.
Table 10.
Ordering Information Scheme
Example:
NAND256
R
3
M
4
A
ZB
5
E
Device Type
NAND Flash Memory
NAND Flash Density
256 = 256Mb
512 = 512Mb
01G = 1Gb
Operating Voltage
R = VDDF = 1.7V to 1.95V
W = VDDF = 2.5V to 3.6V
NAND Bus Width
3 = x8
4 = x16
Family Identifier
M = 528 Byte Page NAND Flash + LPSDRAM
Device Options
0 = 256, x16, 104MHz, SDR, BGA107
2 = 2 x 256, 2x16, 104MHz, SDR, BGA137 or
512, x32, 133MHz, SDR, BGA137
3 = 256, x16, 133MHz, DDR BGA149
4 = 256, x16, 104MHz, SDR, BGA149
5 = 512, x16, 133MHz, DDR, BGA149
Product Version
A
B
C
Package
ZB = TFBGA
ZC = LFBGA
Temperature range
5 = -30°c to 85°C
Option
E = ECOPACK Package, Standard Packing
F = ECOPACK Package, Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com