Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT25C16API-12T Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT25C16API-12T
Description  16K-Bit CMOS PARALLEL EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C16API-12T Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT25C16API-12T Datasheet HTML 1Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 2Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 3Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 4Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 5Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 6Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 7Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 8Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CAT28C16A
4
Doc. No. 1076, Rev. D
Figure 1. A.C. Testing Input/Output Waveform(3)
Figure 2. A.C. Testing Load Circuit (example)
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) Output floating (High-Z) is defined as the state when the external data line is no longer driven by the output buffer.
(3) Input rise and fall times (10% and 90%) < 10 ns.
INPUT PULSE LEVELS
REFERENCE POINTS
2.0 V
0.8 V
2.4 V
0.45 V
1.3V
DEVICE
UNDER
TEST
1N914
3.3K
CL = 100 pF
OUT
CL INCLUDES JIG CAPACITANCE
A.C. CHARACTERISTICS, Read Cycle
VCC = 5V
±10%, unless otherwise specified.
28C16A-9028C16A-12
28C16A-20
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Units
tRC
Read Cycle Time
90
120
200
ns
tCE
CE Access Time
90
120
200
ns
tAA
Address Access Time
90
120
200
ns
tOE
OE Access Time
50
60
80
ns
tLZ(1)
CE Low to Active Output
0
0
0
ns
tOLZ(1)
OE Low to Active Output
0
0
0
ns
tHZ(1)(2)
CE High to High-Z Output
50
50
55
ns
tOHZ(1)(2)
OE High to High-Z Output
50
50
55
ns
tOH(1)
Output Hold from Address Change
0
0
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com