Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT25C16API-12T Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT25C16API-12T
Description  16K-Bit CMOS PARALLEL EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C16API-12T Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT25C16API-12T Datasheet HTML 2Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 3Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 4Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 5Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 6Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 7Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 8Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 9Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CAT28C16A
9
Doc. No. 1076, Rev. D
ORDERING INFORMATION
Notes:
(1)
The device used in the above example is a CAT28C16ANI-20T (PLCC, Industrial temperature, 200 ns Access Time, Tape & Reel).
Prefix
Device #
Suffix
28C16A
N
I
T
Product
Number
Tape & Reel
Package
P: PDIP
N: PLCC
J: SOIC (JEDEC)
K: SOIC (EIAJ)
-20
CAT
Optional
Company ID
Temperature Range
*
Speed
90: 90ns
12: 120ns
20: 200ns
* -40˚C to +125˚C is available upon request
L: PDIP (Lead free, Halogen free)
G: PLCC (Lead free, Halogen free)
W: SOIC (JEDEC) (Lead free, Halogen free)
X: SOIC (EIAJ) (Lead free, Halogen free)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com