Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT25C16API-12T Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT25C16API-12T
Description  16K-Bit CMOS PARALLEL EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C16API-12T Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT25C16API-12T Datasheet HTML 2Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 3Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 4Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 5Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 6Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 7Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 8Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 9Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CAT28C16A
8
Doc. No. 1076, Rev. D
HARDWARE DATA PROTECTION
The following is a list of hardware data protection fea-
tures that are incorporated into the CAT28C16A.
(1) VCC sense provides for write protection when VCC
falls below 3.0V min.
(2) A power on delay mechanism, tINIT (see AC charac-
teristics), provides a 5 to 20 ms delay before a write
sequence, after VCC has reached 3.0V min.
(3) Write inhibit is activated by holding any one of OE
low, CE high or WE high.
(4) Noise pulses of less than 20 ns on the WE or CE
inputs will not result in a write cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com