Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT25C16API-12T Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT25C16API-12T
Description  16K-Bit CMOS PARALLEL EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C16API-12T Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT25C16API-12T Datasheet HTML 1Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 2Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 3Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 4Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 5Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 6Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 7Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 8Page - Catalyst Semiconductor CAT25C16API-12T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CAT28C16A
5
Doc. No. 1076, Rev. D
Note:
(1)
This parameter is tested initially and after a design or process change that affects the parameter.
(2)
A write pulse of less than 20ns duration will not initiate a write cycle.
A.C. CHARACTERISTICS, Write Cycle
VCC = 5V
±10%, unless otherwise specified.
28C16A-9028C16A-12
28C16A-20
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Units
tWC
Write Cycle Time
5
5
10
ms
tAS
Address Setup Time
0
0
10
ns
tAH
Address Hold Time
100
100
100
ns
tCS
CE Setup Time
0
0
0
ns
tCH
CE Hold Time
0
0
0
ns
tCW(2)
CE Pulse Time
110
110
150
ns
tOES
OE Setup Time
0
0
15
ns
tOEH
OE Hold Time
0
0
15
ns
tWP(2)
WE Pulse Width
110
110
150
ns
tDS
Data Setup Time
60
60
50
ns
tDH
Data Hold Time
0
0
10
ns
tDL
Data Latch Time
5
10
5
10
50
ns
tINIT(1)
Write Inhibit Period After Power-up
.05
100
.05
100
5
20
ms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com