Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS651LSH Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # ATS651LSH
Description  Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS651LSH Datasheet(HTML) 5 Page - Allegro MicroSystems

  ATS651LSH Datasheet HTML 1Page - Allegro MicroSystems ATS651LSH Datasheet HTML 2Page - Allegro MicroSystems ATS651LSH Datasheet HTML 3Page - Allegro MicroSystems ATS651LSH Datasheet HTML 4Page - Allegro MicroSystems ATS651LSH Datasheet HTML 5Page - Allegro MicroSystems ATS651LSH Datasheet HTML 6Page - Allegro MicroSystems ATS651LSH Datasheet HTML 7Page - Allegro MicroSystems ATS651LSH Datasheet HTML 8Page - Allegro MicroSystems ATS651LSH Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity
ATS651LSH
5
651LSH-DS, Rev. 3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Protocol Pulse Characteristics Valid for –40°C ≤ TA ≤ 150°C (TJ ≤ 165°C), unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Minimum Low-State Duration*
tLD
Falling edge to subsequent rising edge.
10
–
–
μs
Pulse Width Forward Rotation
tW(fwd)
38
45
52
μs
Pulse Width Reverse Rotation
tW(rev)
76
90
104
μs
Protocol Pulse Width Tolerance
EPPW
Reference Target
–15
–
15
%
*Maximum Operating Frequency may be increased if the application controller can resolve Minimum Low-State Duration levels down to the specified
value.
Device Characteristics Tables (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com