Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS651LSH Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ATS651LSH
Description  Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS651LSH Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ATS651LSH Datasheet HTML 4Page - Allegro MicroSystems ATS651LSH Datasheet HTML 5Page - Allegro MicroSystems ATS651LSH Datasheet HTML 6Page - Allegro MicroSystems ATS651LSH Datasheet HTML 7Page - Allegro MicroSystems ATS651LSH Datasheet HTML 8Page - Allegro MicroSystems ATS651LSH Datasheet HTML 9Page - Allegro MicroSystems ATS651LSH Datasheet HTML 10Page - Allegro MicroSystems ATS651LSH Datasheet HTML 11Page - Allegro MicroSystems ATS651LSH Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity
ATS651LSH
10
651LSH-DS, Rev. 3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Applications Information
Data Protocol Description
When a ferrous target passes in front of the sensor (the branded
face of the sensor case), each tooth of the target generates a pulse
at the output pin of the sensor. Each pulse provides target speed
and direction data: speed is provided by the pulse rate, while
direction of target rotation is provided by the pulse width.
The ATS651 can sense target movement in both the forward and
reverse directions. The maximum allowable target rotational
speed is limited by the width of the output pulse and the shortest
Low-State Duration the system controller can resolve.
Forward Rotation
(See panel a in figure 1) When the target is
rotating such that a tooth near the sensor passes from pin 4 to
pin 1, this is referred to as forward rotation. This is diagrammed
below. Forward rotation is indicated on the output pin by a 45 μs
pulse width.
Reverse Rotation
(See panel b in figure 1) When the target
is rotating such that target teeth pass from pin 1 to pin 4, it is
referred to as reverse rotation. Reverse rotation is indicated on
the output pin by a 90 μs pulse width, twice as long as the pulse
generated by forward rotation.
Timing
. As shown in figure 2, the pulse appears at the output pin
slightly before the sensed mechanical edge traverses the sensor.
For targets in forward rotation, this shift, Δfwd, results in the
pulse corresponding to the valley with the sensed mechanical
edge, and for targets in reverse rotation, the shift, Δrev, results in
the pulse corresponding to the tooth with the sensed edge. The
sensed mechanical edge that stimulates output pulses is kept the
same for both forward and reverse rotation by using only channel
A for switching.
The overall range between the forward and reverse pulse occur-
rences is determined by the 1.5 mm spacing between the Hall
elements of the corresponding differential channel. In either
direction, the pulses appear close to the sensed mechanical edge.
The length of the target features, however, can slightly bias the
occurrence of the pulses.
Figure 1. Target rotation
Output
(Forward
Rotation)
Output
(Reverse
Rotation)
Forward
Reverse
45 μs
Δfwd
Δrev
90 μs
Tooth
Valley
(a) Forward Rotation
(b) Reverse Rotation
Rotating Target
Branded Face
of Sensor
Pin 1
Pin 4
Pin 1
Pin 4
Rotating Target
Branded Face
of Sensor
Figure 2. Output pulse timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com