Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS651LSH Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ATS651LSH
Description  Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS651LSH Datasheet(HTML) 2 Page - Allegro MicroSystems

  ATS651LSH Datasheet HTML 1Page - Allegro MicroSystems ATS651LSH Datasheet HTML 2Page - Allegro MicroSystems ATS651LSH Datasheet HTML 3Page - Allegro MicroSystems ATS651LSH Datasheet HTML 4Page - Allegro MicroSystems ATS651LSH Datasheet HTML 5Page - Allegro MicroSystems ATS651LSH Datasheet HTML 6Page - Allegro MicroSystems ATS651LSH Datasheet HTML 7Page - Allegro MicroSystems ATS651LSH Datasheet HTML 8Page - Allegro MicroSystems ATS651LSH Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity
ATS651LSH
2
651LSH-DS, Rev. 3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Functional Block Diagram
Current
Output
Adjust
GND
VCC
0.01μF
C
BYPASS
V+
Voltage
Regulator
TESTA
TESTB
Hall
Amp
PDAC
NDAC
Reference
Generator
and
Updates
and
Updates
PThresh
NThresh
Threshold
Logic
(Recommended)
(Recommended)
Speed
and
Direction
Logic
AGC
Offset
Adjust
Hall
Amp
PDAC
NDAC
Reference
Generator
PThresh
NThresh
Threshold
Logic
AGC
Offset
Adjust
Channel A
Hall
Element 1
Hall
Element 2
Hall
Element 3
Channel B
Typical Application Diagram
2
ATS651
1
3
4
0.01
μF
100
Ω
ECU
I
CC(HIGH)/ICC(LOW)
R
SENSE
C
SENSE
C
BYPASS
Note: Pins 2 and 3 may be connected to pin 4.
However, ICC is increased in that configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com