Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS651LSH Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ATS651LSH
Description  Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS651LSH Datasheet(HTML) 1 Page - Allegro MicroSystems

  ATS651LSH Datasheet HTML 1Page - Allegro MicroSystems ATS651LSH Datasheet HTML 2Page - Allegro MicroSystems ATS651LSH Datasheet HTML 3Page - Allegro MicroSystems ATS651LSH Datasheet HTML 4Page - Allegro MicroSystems ATS651LSH Datasheet HTML 5Page - Allegro MicroSystems ATS651LSH Datasheet HTML 6Page - Allegro MicroSystems ATS651LSH Datasheet HTML 7Page - Allegro MicroSystems ATS651LSH Datasheet HTML 8Page - Allegro MicroSystems ATS651LSH Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ATS651LSH
651LSH-DS, Rev. 3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage*, VCC.........................................28 V
Reverse-Supply Voltage, VRCC ........................–18 V
Reverse-Output Voltage, VROUT......................–0.5 V
Temperatures
OperatingAmbient,TA.................–40ºCto150ºC
Junction, TJ(MAX) .......................................165ºC
Storage, TS .................................–65ºC to 170ºC
*Refer to Power Derating section
Two-Wire Self-Calibrating Differential
Speed and Direction Sensor with Vibration Immunity
Use the following complete part numbers when ordering:
Package SH
Features and Benefits
1. VCC
2. TESTA pin, Channel A
3. TESTB pin, Channel B
4. GND
1 2
3 4
The ATS651LSH is a mechatronics component with an integrated Hall-effect
sensor and magnet, providing an easy-to-use solution for speed and direction sens-
ing applications. The solid thermoset molded plastic package contains a samarium
cobalt magnet and a Hall-effect IC optimized to the magnetic circuit. This sensor
module has been designed specifically for high reliability in the harsh automo-
tive environment. The IC employs patented algorithms for the special operational
requirements of transmission applications.
This two-wire device communicates the speed and direction of a ferrous target
via a pulse width modulation (PWM) output protocol. The innovative dual differ-
ential detector scheme uses three Hall elements and two separate signal processing
channels. This provides greater reliability than conventional designs. Because only
one of the channels controls switching, the same edge of each tooth is used for
determining output signals, in both forward and reverse target rotation, with direc-
tion information available on the first magnetic edge after a direction change.
The ATS651LSH is particularly adept at handling vibration without sacrific-
ing maximum air gap capability or creating an erroneous “direction” pulse. Even
the higher angular vibration caused by engine cranking is completely rejected by
the device. The advanced vibration detection algorithms systematically calibrate
the sensor on the true rotation signals from the first three and a half teeth, not on
vibration, thus always guaranteeing an accurate signal in running mode.
Patented running mode algorithms also protect against air gap changes, whether
or not the target is in motion. Advanced signal processing and innovative algo-
rithms make the ATS651LSH an ideal solution for a wide range of speed and
direction sensing needs.
The device package is lead (Pb) free, with 100% matte tin plated leadframe.
Part Number
Packing*
ATS651LSHTN-T
13-in. reel, 800 pieces/reel
*Contact Allegro for additional packing options.
• Rotational direction detection
• Fully optimized digital differential gear-tooth sensor
• Single-chip sensing IC for high reliability
• Small mechanical size (8 mm diameter × 5.5 mm vertical, flat-to-flat)
• Internal current regulator for 2-wire operation
• Automatic Gain Control (AGC) and reference adjust circuit
• 3-bit factory trimmed for tight pulse width accuracy
• True zero-speed operation
• Wide operating voltage range
• Undervoltage lockout
• Defined power-on state
• ESD and reverse polarity protection
Some restrictions may apply to certain types of sales.
Contact Allegro for details.


Similar Part No. - ATS651LSH

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS651LSH ALLEGRO-ATS651LSH Datasheet
438Kb / 12P
Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity
ATS651LSHTN-T ALLEGRO-ATS651LSHTN-T Datasheet
438Kb / 12P
Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity
More results

Similar Description - ATS651LSH

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS640JSB ALLEGRO-ATS640JSB Datasheet
96Kb / 4P
TRUE ZERO-SPEED, SELF-CALIBRATING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR FOR TWO-WIRE APPLICATIONS
ATS643LSH ALLEGRO-ATS643LSH Datasheet
501Kb / 16P
Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
ATS651LSH ALLEGRO-ATS651LSH Datasheet
438Kb / 12P
Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity
AATS643LSH ALLEGRO-AATS643LSH_06 Datasheet
388Kb / 16P
Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
A1693 ALLEGRO-A1693 Datasheet
815Kb / 15P
Vibration-Tolerant Hall-Effect Transmission Speed and Direction Sensor IC
A1699 ALLEGRO-A1699 Datasheet
1Mb / 18P
Two-Wire, Differential, Vibration-Resistant Sensor IC with Speed and Direction Output
A19520 ALLEGRO-A19520 Datasheet
883Kb / 15P
Vibration-Tolerant Hall-Effect Transmission Speed and Direction Sensor IC
ATS699LSN ALLEGRO-ATS699LSN Datasheet
861Kb / 15P
Two-Wire, Differential, Vibration-Resistant Sensor IC with Speed and Direction Output
A16311 ALLEGRO-A16311 Datasheet
759Kb / 12P
Self-Calibrating Automatic-TPOS Camshaft Speed Sensor IC
ATS16301 ALLEGRO-ATS16301 Datasheet
694Kb / 13P
Self-Calibrating Automatic-TPOS Camshaft Speed Sensor IC
August 13, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com