Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33341 Datasheet(PDF) 16 Page - ON Semiconductor

Part # MC33341
Description  Power Supply Battery Charger Regulation Control Circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33341 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button MC33341_06 Datasheet HTML 11Page - ON Semiconductor MC33341_06 Datasheet HTML 12Page - ON Semiconductor MC33341_06 Datasheet HTML 13Page - ON Semiconductor MC33341_06 Datasheet HTML 14Page - ON Semiconductor MC33341_06 Datasheet HTML 15Page - ON Semiconductor MC33341_06 Datasheet HTML 16Page - ON Semiconductor MC33341_06 Datasheet HTML 17Page - ON Semiconductor MC33341_06 Datasheet HTML 18Page - ON Semiconductor MC33341_06 Datasheet HTML 19Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
MC33341
http://onsemi.com
16
Figure 24. 10 V/1.0 A Constant−Voltage Constant−Current Regulator
Figure 25. Output Load Regulation
Figure 24 shows the MC33341 configured as a source high−side constant−voltage constant−current regulator. The regulator is designed for
an output voltage of 10 V at 1.0 A. Figure 25 shows the regulator’s output characteristics as the load is varied. Source return low−side, load
high−side, and load low−side configurations will each exhibit a nearly identical load regulation characteristic. A heatsink is required for the
MTP2955 series pass element.
11.1 k
Variable
Resistive
Load
82.5 k
0.01
V
I
Output
Ground
87
6
5
12
3
4
R
R
R
R
R
VCC
VCC
VCC
VCC
VCC
VCC
0.4 V
1.2 V
R
0.2 V
VCC
0.2 V 0.4 V 1.2 V
VCC
1.2 V
VCC
Inverting Amp
Transconductance
Amp
Differential Amp
Disable Logic
Differential Amp
Vsen
Vth
Isen
Ith
Reference
0
10
IO, OUTPUT LOAD CURRENT (A)
0.2
0 4
0.6
0.8
1.0
8.0
6.0
4.0
2.0
0
10
3.0 k
10
0.2
MTP2955
Output
10 V/1.0 A
Input
Ground
Input
12 V to 16 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com