Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33341 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC33341
Description  Power Supply Battery Charger Regulation Control Circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33341 Datasheet(HTML) 3 Page - ON Semiconductor

  MC33341_06 Datasheet HTML 1Page - ON Semiconductor MC33341_06 Datasheet HTML 2Page - ON Semiconductor MC33341_06 Datasheet HTML 3Page - ON Semiconductor MC33341_06 Datasheet HTML 4Page - ON Semiconductor MC33341_06 Datasheet HTML 5Page - ON Semiconductor MC33341_06 Datasheet HTML 6Page - ON Semiconductor MC33341_06 Datasheet HTML 7Page - ON Semiconductor MC33341_06 Datasheet HTML 8Page - ON Semiconductor MC33341_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MC33341
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = 6.0 V, TA = 25°C, for min/max values TA is the operating junction temperature range that
applies (Note 1), unless otherwise noted.)
Characteristic
Unit
Max
Typ
Min
Symbol
DIFFERENTIAL AMPLIFIER DISABLE LOGIC (Pins 1, 6)
Logic Threshold Voltage Pin 1 (Pin 6 = 0 V)
V
Enabled, High−Side Source and Load Current Sensing
Vth(I HS)
−
≥1.7
−
Disabled, Low−Side Load and Source Return Current Sensing
Vth(I LS)
−
≤1.3
−
VOLTAGE SENSING (Pins 5, 6)
Positive Sensing Pin 5 to Pin 4
Vth(V)
Internally Fixed Threshold Voltage
TA = 25°C
1.186
1.210
1.234
V
TA = Tlow to Thigh
1.174
−
1.246
V
Externally Adjusted Threshold Voltage (Pin 6 = 0 V)
−
40
−
mV
Externally Adjusted Threshold Voltage (Pin 6 = 1.2 V)
−
1.175
−
V
Voltage Sense, Input Bias Current (Pin 5)
IIB(V)
−
10
−
nA
Transconductance, Voltage Sensing Inputs to Drive Output
gm(V)
−
7.0
−
mhos
DRIVE OUTPUT (Pin 8)
High State Source Voltage (ISource = 10 mA)
VOH
−
VCC − 0.8
−
V
High State Source Current (Pin 8 = 0 V)
ISource
15
20
−
mA
TOTAL DEVICE (Pin 7)
Operating Voltage Range
VCC
2.5 to 15
2.3 to 15
−
V
Power Supply Current (VCC = 6.0 V)
ICC
−
300
600
mA
PIN FUNCTION DESCRIPTION
Pin
Name
Description
1
Current Sense Input A
This multi−mode current sensing input can be used for either source high−side, load high−side,
source−return low−side, or load low−side sensing. It is common to a Differential Amplifier, Inverting
Amplifier, and a Noninverting input path. Each of these sensing paths indirectly connect to the current
sense input of the Transconductance Amplifier. This input is connected to the high potential side of a
current sense resistor when used in source high−side, load high−side, or load low−side current
sensing modes. In source return low−side current sensing mode, this pin connects to the low potential
side of a current sense resistor.
2
Current Threshold Adjust
The current sense threshold can be externally adjusted over a range of 0 V to 200 mV with respect to
Pin 4, or internally fixed at 200 mV by connecting Pin 2 to VCC.
3
Compensation
This pin is connected to a high impedance node within the transconductance amplifier and is made
available for loop compensation. It can also be used as an input to directly control the Drive Output. An
active low at this pin will force the Drive Output into a high state.
4
Ground
This pin is the regulation control IC ground. The control threshold voltages are with respect to this pin.
5
Voltage Sense Input
This is the voltage sensing input of the Transconductance Amplifier. It is normally connected to the
power supply/battery charger output through a resistor divider. The input threshold is controlled by
Pin 6.
6
Current Sense Input B /
Voltage Threshold Adjust
This is a dual function input that is used for either high−side current sensing, or as a voltage threshold
adjustment for Pin 5. This input is connected to the low potential side of a current sense resistor when
used in source high−side or load high−side current sensing modes. In all low−side current sensing
modes, Pin 6 is available as a voltage threshold adjustment for Pin 5. The threshold can be externally
adjusted over a range of 0 V to 1.2 V with respect to Pin 4, or internally fixed at 1.2 V by connecting
Pin 6 to VCC.
7
VCC
This is the positive supply voltage for the regulation control IC. The typical operating voltage range is
2.3 V to 15 V with respect to Pin 4.
8
Drive Output
This is a source−only output that normally connects to a linear or switching regulator control circuit.
This output is capable of 15 mA, allowing it to directly drive an optoisolator in primary side control
applications where galvanic isolation is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com