Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33341 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC33341
Description  Power Supply Battery Charger Regulation Control Circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33341 Datasheet(HTML) 4 Page - ON Semiconductor

  MC33341_06 Datasheet HTML 1Page - ON Semiconductor MC33341_06 Datasheet HTML 2Page - ON Semiconductor MC33341_06 Datasheet HTML 3Page - ON Semiconductor MC33341_06 Datasheet HTML 4Page - ON Semiconductor MC33341_06 Datasheet HTML 5Page - ON Semiconductor MC33341_06 Datasheet HTML 6Page - ON Semiconductor MC33341_06 Datasheet HTML 7Page - ON Semiconductor MC33341_06 Datasheet HTML 8Page - ON Semiconductor MC33341_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MC33341
http://onsemi.com
4
0
0
0
0
−50
1.0
0
280
0
1.6
−50
4.0
VPin 2, CURRENT THRESHOLD ADJUST (mV)
VPin 2, CURRENT THRESHOLD ADJUST (V)
TA, AMBIENT TEMPERATURE (°C)
VPin 2, CURRENT THRESHOLD ADJUST (mV)
VPin 6, VOLTAGE THRESHOLD ADJUST (V)
Figure 2. Voltage Sensing
Threshold Change versus Temperature
TA, AMBIENT TEMPERATURE (°C)
Figure 3. Current Sensing
Threshold Change versus Temperature
VCC = 6.0 V
Figure 4. Closed−Loop Voltage Sensing Input
versus Voltage Threshold Adjust
Figure 5. Closed−Loop Current Sense Input B
versus Current Threshold Adjust
Figure 6. Closed−Loop Current Sensing Input A
versus Current Threshold Adjust
Figure 7. Closed−Loop Current Sensing Input A
versus Current Threshold Adjust
−25
0
25
50
75
100
125
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
40
80
120
160
200
240
280
−25
0
25
50
75
100
125
40
80
120
160
200
240
280
40
80
120
160
200
240
280
0
−4.0
−8.0
−12
0
−1.0
−2.0
−3.0
−40
−80
−120
−160
−200
−240
−280
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
240
200
160
120
80
40
0
−40
−80
−120
−160
−200
−240
−260
16
14
12
10
8.0
6.0
4.0
2.0
0
0
2.0
4.0
6.0
8.0
10
12
14
14
12
10
8.0
6.0
4.0
2.0
0
14
12
10
8.0
6.0
4.0
2.0
0
VCC = 6.0 V
1 − Source High−Side and Load High−Side
2 − Source Return Low−Side
3 − Load Low−Side
VCC
VCC = 6.0 V
VO = 1.0 V
IO = 1.0 mA
TA = 25°C
1
2
3
VPin 5
VPin 6−VPin 5
VPin 6
VPin 1−VPin 6
VCC = 6.0 V
VO = 1.0 V
IO = 1.0 mA
Pin 1 = VCC
TA = 25°C
GND
VPin 5
VPin 2−VPin 1
VCC = 6.0 V
VO = 1.0 V
IO = 1.0 mA
TA = 25°C
VPin 2−|VPin 1|
VPin 5
VCC = 6.0 V
VO = 1.0 V
IO = 1.0 mA
TA = 25°C
Noninverting input path is active
for load low−side current sensing.
Inverting Amplifier is
active for source return
low−side current sensing.
GND
Differential Amplifier is active for
source high−side and load high−side
current sensing. Both vertical axis are
expressed in millivolts down to VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com