Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33341 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC33341
Description  Power Supply Battery Charger Regulation Control Circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33341 Datasheet(HTML) 2 Page - ON Semiconductor

  MC33341_06 Datasheet HTML 1Page - ON Semiconductor MC33341_06 Datasheet HTML 2Page - ON Semiconductor MC33341_06 Datasheet HTML 3Page - ON Semiconductor MC33341_06 Datasheet HTML 4Page - ON Semiconductor MC33341_06 Datasheet HTML 5Page - ON Semiconductor MC33341_06 Datasheet HTML 6Page - ON Semiconductor MC33341_06 Datasheet HTML 7Page - ON Semiconductor MC33341_06 Datasheet HTML 8Page - ON Semiconductor MC33341_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MC33341
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage (Pin 7)
VCC
16
V
Voltage Range
Current Sense Input A (Pin 1)
Current Threshold Adjust (Pin 2)
Compensation (Pin 3)
Voltage Sense Input (Pin 5)
Current Sense Input B / Voltage Threshold Adjust (Pin 6)
Drive Output (Pin 8)
VIR
−1.0 to VCC
V
Drive Output Source Current (Pin 8)
ISource
50
mA
Thermal Resistance, Junction−to−Air
P Suffix, DIP Plastic Package, Case 626
D Suffix, SO−8 Plastic Package, Case 751
RqJA
100
178
°C/W
Operating Junction Temperature (Note 1)
TJ
−25 to +150
°C
Storage Temperature
Tstg
−55 to +150
°C
NOTE:
ESD data available upon request.
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Tested ambient temperature range for the MC33341: Tlow = −25°C, Thigh = +85°C.
ELECTRICAL CHARACTERISTICS (VCC = 6.0 V, TA = 25°C, for min/max values TA is the operating junction temperature range that
applies (Note 1), unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
CURRENT SENSING (Pins 1, 2, 6)
High−Side Source and Load Sensing Pin 1 to Pin 6 (Pin 1 >1.6 V)
Vth(I HS)
mV
Internally Fixed Threshold Voltage (Pin 2 = VCC)
TA = 25°C
187
197
207
TA = Tlow to Thigh
183
−
211
Externally Adjusted Threshold Voltage (Pin 2 = 0 V)
−
10
−
Externally Adjusted Threshold Voltage (Pin 2 = 200 mV)
−
180
−
Low−Side Load Sensing Pin 1 to Pin 4 (Pin 1 = 0 V to 0.8 V)
Vth(I LS+)
mV
Internally Fixed Threshold Voltage (Pin 2 = VCC)
TA = 25°C
194
200
206
TA = Tlow to Thigh
192
−
208
Externally Adjusted Threshold Voltage (Pin 2 = 0 V)
−
10
−
Externally Adjusted Threshold Voltage (Pin 2 = 200 mV)
−
180
−
Low−Side Source Return Sensing Pin 1 to 4 (Pin 1 = 0 V to −0.2 V)
Vth(I LS−)
mV
Internally Fixed Threshold Voltage (Pin 2 = VCC)
TA = 25°C
−195
−201
−207
TA = Tlow to Thigh
−193
−
−209
Externally Adjusted Threshold Voltage (Pin 2 = 0 V)
−
−10
−
Externally Adjusted Threshold Voltage (Pin 2 = 200 mV)
−
−180
−
Current Sense Input A (Pin 1)
Input Bias Current, High−Side Source and Load Sensing
(Pin 2 = 0 V to VPin 6 V)
IIB(A HS)
−
40
−
mA
Input Bias Current, Low−Side Load Sensing
(Pin 2 = 0 V to 0.8 V)
IIB(A LS+)
−
10
−
nA
Input Resistance, Low−Side Source Return Sensing
(Pin 2 = −0.6 V to 0 V)
Rin(A LS−)
−
10
−
k
W
Current Sense Input B/Voltage Threshold Adjust (Pin 6)
IIB(B)
Input Bias Current
High−Side Source and Load Current Sensing (Pin 6 > 2.0 V)
−
20
−
mA
Voltage Threshold Adjust (Pin 6 < 1.2 V)
−
100
−
nA
Current Sense Threshold Adjust (Pin 2)
IIB(I th)
−
10
−
nA
Input Bias Current
Transconductance, Current Sensing Inputs to Drive Output
gm(I)
−
6.0
−
mhos



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com