Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE811 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STMPE811
Description  S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STMPE811_V01 Datasheet HTML 16Page - STMicroelectronics STMPE811_V01 Datasheet HTML 17Page - STMicroelectronics STMPE811_V01 Datasheet HTML 18Page - STMicroelectronics STMPE811_V01 Datasheet HTML 19Page - STMicroelectronics STMPE811_V01 Datasheet HTML 20Page - STMicroelectronics STMPE811_V01 Datasheet HTML 21Page - STMicroelectronics STMPE811_V01 Datasheet HTML 22Page - STMicroelectronics STMPE811_V01 Datasheet HTML 23Page - STMicroelectronics STMPE811_V01 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
STMPE811 registers
STMPE811
20/66
Doc ID 14489 Rev 5
0x34
ADC_DATA_CH2
16
R
0x0000
ADC channel 2
0x36
ADC_DATA_CH3
16
R
0x0000
ADC channel 3
0x38
ADC_DATA_CH4
16
R
0x0000
ADC channel 4
0x3A
ADC_DATA_CH5
16
R
0x0000
ADC channel 5
0x3C
ADC_DATA_CH6
16
R
0x0000
ADC channel 6
0x3E
ADC_DATA_CH7
16
R
0x0000
ADC channel 7
0x40
TSC_CTRL
8
R/W
0x90
4-wire touchscreen
controller setup
0x41
TSC_CFG
8
R/W
0x00
Touchscreen controller
configuration
0x42
WDW_TR_X
16
R/W
0x0FFF
Window setup for top right X
0x44
WDW_TR_Y
16
R/W
0x0FFF
Window setup for top right Y
0x46
WDW_BL_X
16
R/W
0x0000
Window setup for bottom left
X
0x48
WDW_BL_Y
16
R/W
0x0000
Window setup for bottom left
Y
0x4A
FIFO_TH
8
R/W
0x00
FIFO level to generate
interrupt
0x4B
FIFO_STA
8
R/W
0x20
Current status of FIFO
0x4C
FIFO_SIZE
8
R
0x00
Current filled level of FIFO
0x4D
TSC_DATA_X
16
R
0x0000
Data port for touchscreen
controller data access
0x4F
TSC_DATA_Y
16
R
0x0000
Data port for touchscreen
controller data access
0x51
TSC_DATA_Z
8
R
0x0000
Data port for touchscreen
controller data access
0x52
TSC_DATA_XYZ
32
R
0x00000000
Data port for touchscreen
controller data access
0x56
TSC_FRACTION
_Z
8
0x00
Touchscreen controller
FRACTION_Z
0x57
TSC_DATA
8
R
0x00
Data port for touchscreen
controller data access
0x58
TSC_I_DRIVE
8
R/W
0x00
Touchscreen controller drive
I
0x59
TSC_SHIELD
8
R/W
0x00
Touchscreen controller
shield
0x60
TEMP_CTRL
8
R/W
0x00
Temperature sensor setup
Table 11.
Register summary map table (continued)
Address
Register name
Bit
Type
Reset value
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com